Electronic Components Datasheet Search
  English  ▼

X  

G698 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G698
Description  Microprocessor Reset IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G698 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G698 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G698 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G698 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G698 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G698 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G698 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G698 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G698 Datasheet HTML 8Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Ver: 1.3
Jun 03, 2004
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G698/G699
Global Mixed-mode Technology Inc.
Microprocessor Reset IC
Features
Precision Monitoring of +3V, +3.3V, and +5V
Power-Supply Voltages
Fully Specified Over Temperature
Available in Three Output Configurations
Push-Pull RESET Output (G698L)
Push-Pull RESET Output (G698H)
Open-Drain RESET Output (G699L)
Externally Programmable Time Delay Generator
14µA Supply Current
Guaranteed Reset Valid to VCC = 0.8V
Power Supply Transient Immunity
5 pin SOT23-5 Packages
2% Threshold Accuracy
Applications
Computers
Controllers
Intelligent Instruments
Critical µP and µC Power Monitoring
Portable / Battery-Powered Equipment
Automotive
General Description
The G698/G699 are microprocessor (µP) supervisory
circuits used to monitor the power supplies in µP and
digital systems. They provide excellent circuit reliability
and low cost and adjustments when used with +5V,
+3.3V, +3.0V - powered circuits.
These circuits perform a single function: they assert a
reset signal whenever the VCC supply voltage declines
below a preset threshold, with hysteresis keeping it
asserted for time delay determined by externally pro-
grammable time delay generator after VCC has risen
above the reset threshold. Reset thresholds suitable
for operation with a variety of supply voltages are
available.
The G699L has an open-drain output stage, while the
G698 have push-pull outputs. The G699L’s open-drain
RESET output requires a pull-up resistor that can be
connected to a voltage higher than VCC. The G698L
have an active-low RESET output, while the G698H
has an active-high RESET output. The reset com-
parator is designed to ignore fast transients on VCC,
and the outputs are guaranteed to be in the correct
logic state for VCC down to 0.8V.
Low supply current makes the G698/G699 ideal for
use in portable equipment. The G698/G699 are avail-
able in 5-pin SOT23-5 packages.
Ordering Information
ORDER NUMBER TEMP. RANGE
PACKAGE
G698H(L)xxxT1U
-40°C ~ +105°C
SOT23-5
G699LxxxT1U
-40°C ~ +105°C
SOT23-5
Note:T1 : SOT23-5
U : Tape & Reel
* xxx specifies the threshold voltage.
e.g. 263 denotes the 2.63V threshold voltage.
Pin Configuration
Typical Application Circuit
SOT23-5
G698/G699
5
1
2
RESET
(RESET)
4
3
GND
()is for G698H
*G699 ONLY
RESET
INPUT
GND
µP
VCC
RESET
(RESET)
GND
G698/G699
VCC
CD
V
CC
C
D
R
pull-up*
CD
VCC
GND
SOT23-5
G698/G699
5
1
2
RESET
(RESET)
4
3
GND
()is for G698H
*G699 ONLY
RESET
INPUT
GND
µP
VCC
RESET
(RESET)
GND
G698/G699
VCC
CD
V
CC
C
D
R
pull-up*
CD
VCC
GND


Similar Part No. - G698

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G690 GMT-G690 Datasheet
219Kb / 12P
Microprocessor Reset IC
G690H GMT-G690H Datasheet
219Kb / 12P
Microprocessor Reset IC
G690H263T21 GMT-G690H263T21 Datasheet
219Kb / 12P
Microprocessor Reset IC
G690H263T22 GMT-G690H263T22 Datasheet
219Kb / 12P
Microprocessor Reset IC
G690H263T23 GMT-G690H263T23 Datasheet
219Kb / 12P
Microprocessor Reset IC
More results

Similar Description - G698

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G690 GMT-G690 Datasheet
219Kb / 12P
Microprocessor Reset IC
logo
List of Unclassifed Man...
G680 ETC-G680 Datasheet
101Kb / 7P
Microprocessor Reset IC
logo
Global Mixed-mode Techn...
G696 GMT-G696_06 Datasheet
164Kb / 11P
Microprocessor Reset IC
logo
Silicon Standard Corp.
SS8037 SSC-SS8037 Datasheet
326Kb / 9P
Microprocessor Reset IC
logo
Global Mixed-mode Techn...
G680 GMT-G680 Datasheet
56Kb / 1P
Microprocessor Reset IC
G676 GMT-G676 Datasheet
49Kb / 1P
Microprocessor Reset IC
G674 GMT-G674 Datasheet
37Kb / 1P
Microprocessor Reset IC
G660 GMT-G660 Datasheet
103Kb / 1P
Microprocessor Reset IC
G656 GMT-G656 Datasheet
34Kb / 1P
Microprocessor Reset IC
G630 GMT-G630 Datasheet
35Kb / 1P
Microprocessor Reset IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com