Electronic Components Datasheet Search
  English  ▼

X  

G698 Datasheet(PDF) 4 Page - Global Mixed-mode Technology Inc

Part # G698
Description  Microprocessor Reset IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G698 Datasheet(HTML) 4 Page - Global Mixed-mode Technology Inc

  G698 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G698 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G698 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G698 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G698 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G698 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G698 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G698 Datasheet HTML 8Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Ver: 1.3
Jun 03, 2004
TEL: 886-3-5788833
http://www.gmt.com.tw
4
G698/G699
Global Mixed-mode Technology Inc.
Typical Operating Characteristics
(VCC = full range, TA = -40°C to +105°C, unless otherwise noted. Typical values are at TA = +25°C, VCC = 5V
for 463/438/400/330 versions, VCC= 3.3V for 308/293 versions, and VCC = 3V for 263 version.)
CD Delay Pin Sink Current vs. Voltage
0
5
10
15
20
25
30
35
40
3
2.4
1.8
1.2
0.6
0.4
0.2
0.05
VCD, Delay Pin Voltage (V)
VCC=3V
VCC=2.5V
VCC=1.5V
Output Time Delay vs. Capacitance
0.1
1
10
100
1000
10000
0.0001
0.001
0.01
0.1
1
CD, Delay Pin Capacitance (µF)
Delay between VCC>VTH to output change
Delay between VCC<VTH to output change
Supply Current vs. VCC
0
1
2
3
4
5
6
7
8
0 0.6 1 1.2 1.5 1.8 2.1 2.4 2.7 3 3.2 3.3 3.4 3.5 3.7 3.9 4 4.5 5 5.5 6
VCC (V)
Reset Output Time Delay vs. Temperature
0
50
100
150
200
250
300
-40
-30
-20
-10
0
1020
3040506070
8090
TA, Ambient Temperature (°C)
CD=0.1µF
Normalized Reset Threshold vs. Temperature
0.96
0.97
0.98
0.99
1
1.01
1.02
1.03
1.04
1.05
1.06
-40 -30 -20 -10 0
10 202730 40 5060 708090
TA, Ambient Temperature (°C)
VT
VTH
Supply Curremt vs. Temperature (No Load)
0
1
2
3
4
5
6
7
-40
-20
0
20
406080
Temperature (°C)
VCC=5V
VCC=3.3V
VCC=2.5V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com