Electronic Components Datasheet Search
  English  ▼

X  

G698 Datasheet(PDF) 6 Page - Global Mixed-mode Technology Inc

Part # G698
Description  Microprocessor Reset IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G698 Datasheet(HTML) 6 Page - Global Mixed-mode Technology Inc

  G698 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G698 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G698 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G698 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G698 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G698 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G698 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G698 Datasheet HTML 8Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Ver: 1.3
Jun 03, 2004
TEL: 886-3-5788833
http://www.gmt.com.tw
6
G698/G699
Global Mixed-mode Technology Inc.
Pin Description
PIN
NAME
FUNCTION
1
CD
External Programmable time delay is set by the capacitor connect to CD pin.
2.3
GND
Ground
RESET
(G698L/G699L)
RESET
Output remains low while VCC is below the reset threshold, and for delay time set by CD
after VCC rises above the reset threshold.
4
RESET (G698H)
RESET Output remains high while VCC is below the reset threshold, and for delay time set by
CD after VCC rises above the reset threshold.
5
VCC
Supply Voltage (+5V, +3.3V, +3.0V)
Detailed Description
A microprocessor’s (µP’s) reset input starts the µP in a
known state. The G699L/G698L/G698H assert reset to
prevent code-execution errors during power-up,
power-down, or brownout conditions. They assert a
reset signal whenever the VCC supply voltage declines
below a preset threshold (VTH-), keeping it asserted for
time delay set by capacitor connected to CD pin, after
VCC has risen above the high reset threshold VTH+
(VTH-+VHYS). The G699L uses an open-drain output,
and the G698L/G698H have a push-pull output stage.
Connect a pull-up resistor on the G699L’s RESET out-
put to any supply between 0 and 5.5V.
The time delay is set by external capacitor CD, and
internal pull up current ICD. When the voltage at CD
pin exceeds the buffer threshold, typically 1.25V, the
RESET output high (RESET output low). The volt-
age detector and buffer have built-in hysterisis to
prevent erratic reset operation. The formula of time
delay is T (ms)
≅ 1685 CD (µF). Fig1 and Fig2 show a
timing deagram and a Functional Block.
Ensuring a Valid Reset Output Down to VCC = 0
When VCC falls below 0.8V, the G698 RESET output
no longer sinks current—it becomes an open circuit.
Therefore, high-impedance CMOS logic inputs con-
nected to RESET can drift to undetermined voltages.
This presents no problem in most applications since
most µP and other circuitry is inoperative with VCC
below 0.8V. However, in applications where RESET
must be valid down to 0V, adding a pull-down resistor
to RESET causes any stray leakage currents to flow
to ground, holding RESET low (Figure 3). R1’s value
is not critical; 100k
Ω is large enough not to load
RESET and small enough to pull RESET to ground.
A 100k
Ω pull-up resistor to VCC is also recommended
for the G699L if RESET is required to remain valid
for VCC < 0.8V.
Figure3. RESET Valid to VCC = Ground Circuit
VCC
RESET
GND
G698
R1
100k
VCC
RESET
GND
G698
R1
100k



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com