Electronic Components Datasheet Search
  English  ▼

X  

G905 Datasheet(PDF) 2 Page - Global Mixed-mode Technology Inc

Part # G905
Description  2.5V 600mA Low Dropout Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G905 Datasheet(HTML) 2 Page - Global Mixed-mode Technology Inc

  G905 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G905 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G905 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G905 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G905 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G905 Datasheet HTML 6Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Ver: 1.4
Apr 11, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
2
G905
Global Mixed-mode Technology Inc.
Absolute Maximum Ratings
(Note 1)
Input Voltage…………………………………………...7V
Power Dissipation Internally Limited……….…...(Note2)
Maximum Junction Temperature…………………150°C
Storage Temperature Range..……-65°C
≤ TJ ≤+150°C
Reflow Temperature (soldering, 10sec)............260°C
Thermal Resistance Junction to Ambient, (θJA)
SOT-89…..……………………….….……….…173°C/W
Thermal Resistance Junction to Case, (θJc)
SOT-89…..……………………….….….……..…25°C/W
Note (1): See Recommended Minimum Footprint
Operating Conditions
(Note 1)
Input Voltage………………………….……..…3.3V ~ 6V
Temperature Range………………..…-40°C
≤ TA ≤85°C
Electrical Characteristics
VIN =5V, IO = 600mA, CIN=1µF, COUT =10µF. All specifications apply for TA = TJ = 25°C. [Note 3]
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
Output Voltage
10mA < IO < 600mA
2.45
2.5
2.55
V
Line Regulation
4V < VIN < 6V, IO = 10mA
---
15
---
mV
Load Regulation
10mA < IO < 600mA
---
10
---
mV
Quiescent Current
VIN = 5V
---
0.3
---
mA
Ripple Rejection
fi = 120Hz, Vripple=2VP-P, Io = 100mA
---
47
---
dB
IO = 600mA
---
800
---
Dropout Voltage
IO = 300mA
---
400
---
mV
Output Current
Continuous Test, VIN = 3.3V
TA = 25°C, TJ < 125°C, VOUT within ±2% (Note 3)
Minimum
footprint
---
600
---
mA
Short Circuit Current
---
0.65
---
A
Current Limit
---
0.8
---
A
Over Temperature
---
145
---
°C
Note 1:
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Conditions are
conditions under which the device functions but the specifications might not be guaranteed. For guaranteed specifications
and test conditions see the Electrical Characteristics.
Note2:
The maximum power dissipation is a function of the maximum junction temperature, TJmax ; total thermal resistance, θJA,
and ambient temperature TA. The maximum allowable power dissipation at any ambient temperature is Tjmax-TA / θJA. If
this dissipation is exceeded, the die temperature will rise above 150°C and IC will go into thermal shutdown. For the
G905 in SOT-89 (T2) package,
θJA is 173°C/W (See recommend minimum footprint). The safe operation in SOT-89
package, it can see “Typical Performance Characteristics” (Safe Operating Area).
Note3:
Low duty pulse techniques are used during test to maintain junction temperature as close to ambient as possible.
Note4:
The type of output capacitor should be tantalum or aluminum.
Definitions
Dropout Voltage
The input/output Voltage differential at which the regu-
lator output no longer maintains regulation against
further reductions in input voltage. Measured when the
output drops 100mV below its nominal value, dropout
voltage is affected by junction temperature, load cur-
rent and minimum input supply requirements.
Line Regulation
The change in output voltage for a change in input
voltage. The measurement is made under conditions
of low dissipation or by using pulse techniques such
that average chip temperature is not significantly af-
fected.
Load Regulation
The change in output voltage for a change in load
current at constant chip temperature. The measure-
ment is made under conditions of low dissipation or by
using pulse techniques such that average chip tem-
perature is not significantly affected.
Maximum Power Dissipation
The maximum total device dissipation for which the
regulator will operate within specifications.
Quiescent Bias Current
Current which is used to operate the regulator chip
and is not delivered to the load.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com