Electronic Components Datasheet Search
  English  ▼

X  

G905 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G905
Description  2.5V 600mA Low Dropout Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G905 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G905 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G905 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G905 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G905 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G905 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G905 Datasheet HTML 6Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Ver: 1.4
Apr 11, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G905
Global Mixed-mode Technology Inc.
2.5V 600mA Low Dropout Regulator
Features
Dropout voltage typically 0.8V @ IO = 600mA
Output current in 600mA
Output voltage accuracy +2%
Quiescent current, typically 0.3mA
Internal short circuit current limit
Internal over temperature protection
Application
CD-R/W
DVD-ROM
DVD player
LAN Switch
Broadband access
General Description
The G905 positive 2.5V voltage regulator features the
ability to source 600mA of output current with a dropout
voltage of typically 0.8V. A low quiescent current is pro-
vided. The typical quiescent current is 0.3mA.
Familiar regulator features such as over temperature
and over current protection circuits are provided to
prevent it from being damaged by abnormal operating
conditions.
Ordering Information
PIN OPTION
ORDER
NUMBER
ORDER NUMBER
(Pb free)
TEMP.
RANGE
PACKAGE
1
2
3
G905T24U
G905T24Uf
-40°C to 85°C
SOT-89
GND
VIN
VOUT
Order Number Identification
GXXX
XX
X
X
Packing Type
Pin Option
Package Type
Part Number
PACKAGE TYPE
PIN OPTION
PACKING
T2 : SO-T89
1
2
3
U & D : Tape & Reel Direction
4 : GND
VIN
VOUT
Package Type
Typical Application
[Note 4] : Type of COUT
Top View
1
2
3
SOT-89
V
IN
G905
C1
1µF
IQ
V
OUT
I
O
C
OUT
10µF
Top View
1
2
3
SOT-89
V
IN
G905
C1
1µF
IQ
V
OUT
I
O
C
OUT
10µF


Similar Part No. - G905

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G9052 GMT-G9052 Datasheet
37Kb / 1P
Dual, 300mA Low-Dropout Linear Regulators
G905 GMT-G905_15 Datasheet
66Kb / 1P
2.5V 600mA Low Dropout Regulator
More results

Similar Description - G905

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202 Datasheet
205Kb / 11P
600mA Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AP2317 BCDSEMI-AP2317 Datasheet
156Kb / 13P
600mA LOW DROPOUT LINEAR REGULATOR
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
600mA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Monolithic Sys...
AMS2906 ADMOS-AMS2906_05 Datasheet
67Kb / 8P
600mA LOW DROPOUT VOLTAGE REGULATOR
logo
Global Mixed-mode Techn...
G915 GMT-G915_15 Datasheet
40Kb / 1P
1.5V 600mA Low Dropout Regulator
G905 GMT-G905_15 Datasheet
66Kb / 1P
2.5V 600mA Low Dropout Regulator
logo
Richtek Technology Corp...
RT9080 RICHTEK-RT9080 Datasheet
302Kb / 14P
600mA Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com