Electronic Components Datasheet Search
  English  ▼

X  

G905 Datasheet(PDF) 6 Page - Global Mixed-mode Technology Inc

Part # G905
Description  2.5V 600mA Low Dropout Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G905 Datasheet(HTML) 6 Page - Global Mixed-mode Technology Inc

  G905 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G905 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G905 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G905 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G905 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G905 Datasheet HTML 6Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Ver: 1.4
Apr 11, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
6
G905
Global Mixed-mode Technology Inc.
Package Information
SOT-89 (T2) Package
DIMENSIONS IN MILLIMETER
DIMENSIONS IN INCH
SYMBOL
MIN
NOM
MAX
MIN
NOM
MAX
A
1.40
1.50
1.60
0.055
0.059
0.063
A1
0.80
1.04
-----
0.031
0.041
-----
b
0.36
0.42
0.48
0.014
0.016
0.019
b1
0.41
0.47
0.53
0.016
0.018
0.020
C
038
0.40
0.43
0.014
0.015
0.017
D
4.40
4.50
4.60
0.173
0.177
0.181
D1
1.40
1.60
1.75
0.055
0.062
0.069
HE
-----
-----
4.25
-----
-----
0.167
E
2.40
2.50
2.60
0.094
0.098
0.102
e
2.90
3.00
3.10
0.114
0.118
0.122
Taping Specification
PACKAGE
Q’TY/REEL
SOT-89
1,000 ea
GMT Inc. does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and GMT Inc. reserves the right at any time without notice to change said circuitry and specifications.
D
D1
E
A1
HE
e
b
b
b1
A
POLISH
MATTE FINISH
C
POLISH
D
D1
E
A1
HE
e
b
b
b1
A
POLISH
MATTE FINISH
C
POLISH
Feed Direction
SOT-89 Package Orientation
Feed Direction
SOT-89 Package Orientation



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com