Electronic Components Datasheet Search
  English  ▼

X  

G905 Datasheet(PDF) 4 Page - Global Mixed-mode Technology Inc

Part # G905
Description  2.5V 600mA Low Dropout Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G905 Datasheet(HTML) 4 Page - Global Mixed-mode Technology Inc

  G905 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G905 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G905 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G905 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G905 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G905 Datasheet HTML 6Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Ver: 1.4
Apr 11, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
4
G905
Global Mixed-mode Technology Inc.
Typical Performance Characteristics (continued)
0
100
200
300
400
500
600
700
800
900
-25 -15 -5
5
152535 4555 657585
Temperature (°C)
V
IN=4V
V
IN=5V
0
100
200
300
400
500
600
700
800
900
1000
100
200
300
400
500
600
I
L (mA)
T
A=25°C
T
A=85°C
2.45
2.48
2.50
2.53
2.55
2.58
2.60
-25 -15 -5
5
152535 4555 657585
Temperature (°C)
I
L=10mA
V
IN=4V
V
IN=5V
V
IN=6V
2.45
2.475
2.5
2.525
2.55
2.575
2.6
3
3.5
4
4.5
5
5.5
6
V
IN (V)
IL=10mA
Quiescent Current vs. Temperature
Dropout Voltage vs.IL
T
A=-25°C
Output Voltage vs. Temperature
Output Voltage vs. VIN
T
A=-25°C
T
A=25°C
T
A=85°C
0
0.5
1
1.5
2
2.5
0.5
1.5
2.5
3.5
4.5
PCB Top Copper Area (in2)
SOT-89 Max. Power Dissipation
vs. PCB Top Copper Area
TAMB = 25°C ; Still Air
SOT-89 Max. Power Dissipation
vs. TAMB (still air)
( Different PCB Top Copper Area )
0
0.5
1
1.5
2
2.5
25
45
65
85
T
AMB (°C)
A=0.5
A=1.0
A=1.5
A=2.0
A=2.5
A=3.0
A=3.5
A=4.0
A=4.5
A=5.0
Unit:in
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com