Electronic Components Datasheet Search
  English  ▼

X  

IRU3034CS Datasheet(PDF) 3 Page - International Rectifier

Part # IRU3034CS
Description  8-PIN PWM SWITCHER CONTROLLER IC WITH CURRENT LIMITING
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU3034CS Datasheet(HTML) 3 Page - International Rectifier

  IRU3034CS Datasheet HTML 1Page - International Rectifier IRU3034CS Datasheet HTML 2Page - International Rectifier IRU3034CS Datasheet HTML 3Page - International Rectifier IRU3034CS Datasheet HTML 4Page - International Rectifier IRU3034CS Datasheet HTML 5Page - International Rectifier IRU3034CS Datasheet HTML 6Page - International Rectifier IRU3034CS Datasheet HTML 7Page - International Rectifier IRU3034CS Datasheet HTML 8Page - International Rectifier IRU3034CS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
IRU3034 & (PbF)
3
www.irf.com
PIN DESCRIPTIONS
BLOCK DIAGRAM
Figure 2 - Simplified block diagram of the IRU3034.
The PWM output of the switching controller. This pin is a totem pole drive that is con-
nected to the gate of the power MOSFET. A resistor may be placed from this pin to the
gate in order to reduce switching noise.
This pin supplies the voltage to the PWM drive and hysteresis circuitry and it is connected
to the 12V supply. A 1µF, high frequency capacitor must be connected from this pin to
ground to provide the peak current for charging and discharging of the MOSFET.
A resistor divider from this pin to the output of the switching regulator and ground sets the
Core supply voltage.
A resistor and a 10pF capacitor is connected from this pin to the VFB pin to set the output
ripple voltage for the switching regulator.
This pin is connected to the IC substrate and must be connected to the lowest potential in
the system.
This pin is connected to the minus side of the external current sense resistor. An internal
current source together with an external resistor in series with this pin programs the
current limit threshold voltage. This voltage divided by the external current sense resistor
sets the current limit threshold.
This pin is connected to the plus side of the external current sense resistor. A resistor in
series with this pin and a capacitor connected between this pin and pin 6 provides a high
frequency filtering for the noise spikes of turn on and turn off switching.
This pin provides the soft-start for the regulator during power up. It also sets a long off time
when the converter goes into current limiting, providing low duty cycle for the catch diode
allowing it to survive during short circuit.
PIN # PIN SYMBOL
PIN DESCRIPTION
1
2
3
4
5
6
7
8
Drv
V12
VFB
VHYST
Gnd
CS-
CS+
SS
VREF
UVLO
1.25V
PWM Control
V12
VHYST
CS+
Drv
Gnd
VFB
CS-
5
1
2
4
3
7
6
SS
8
5V Reg
S.S. / Hiccup
Control
20uA
R
3R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com