Electronic Components Datasheet Search
  English  ▼

X  

IRU3034CS Datasheet(PDF) 5 Page - International Rectifier

Part # IRU3034CS
Description  8-PIN PWM SWITCHER CONTROLLER IC WITH CURRENT LIMITING
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU3034CS Datasheet(HTML) 5 Page - International Rectifier

  IRU3034CS Datasheet HTML 1Page - International Rectifier IRU3034CS Datasheet HTML 2Page - International Rectifier IRU3034CS Datasheet HTML 3Page - International Rectifier IRU3034CS Datasheet HTML 4Page - International Rectifier IRU3034CS Datasheet HTML 5Page - International Rectifier IRU3034CS Datasheet HTML 6Page - International Rectifier IRU3034CS Datasheet HTML 7Page - International Rectifier IRU3034CS Datasheet HTML 8Page - International Rectifier IRU3034CS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
IRU3034 & (PbF)
5
www.irf.com
Ref Desig Description
Qty
Part #
Manuf
U1
LDO/Switcher IC
1
IRU3034CS (8-Pin SOIC)
IR
Q2
MOSFET
1
IRL3303 (TO-220)
IR
IRL3103S (TO-263) (Note 1)
D1
Schottky Diode
1
MBR1045CT (TO-220)
MBRB1545CT (TO-263) (Note1)
Motorola
L2
Inductor
1
Core: T50-18, L=4µH
Micro Metal
Turns: 10T, 18 AWG
(core)
L1
Inductor
1
L=2µH
R1
Resistor
1
22Ω, 5%, SMT 1206 size
R2
Resistor
1
10Ω, 5%, SMT 1206 size
R3
Resistor
1
324KΩ, 1%, SMT 0805 size
R4A *
Resistor
1
806Ω, 1%, SMT 0805 size
R4B *
Resistor
1
90.9KΩ, 1%, SMT 0805 size
R5A
Resistor
1
1.24KΩ, 1%, SMT 0805 size
R5B
Resistor
1
2.49KΩ, 1%, SMT 0805 size
R5C
Resistor
1
4.99KΩ, 1%, SMT 0805 size
R5D
Resistor
1
10KΩ, 1%, SMT 0805 size
R5E
Resistor
1
1.30Ω, 1%, SMT 0805 size
R6
Resistor
1
5mΩ, 5%, 2W
R7
Resistor
1
4.99KΩ, 1%, SMT 0805 size
R8
Resistor
1
4.7KΩ, 5% for IRU3034, open for 3033
R9
Resistor
1
Open for IRU3034, 10Ω for IRU3033
C1
Capacitor
1
6MV1500GX, 1500µF, 6.3V, Elect
C2
Capacitor
1
6MV1500GX, 1500µF, 6.3V, Elect
Sanyo
C3
Capacitor
1
1µF, Ceramic, SMT 0805 size
C4
Capacitor
1
470pF, Ceramic, SMT 0805 size
Sanyo
C5
Capacitor
1
10pF, Ceramic, SMT 0805 size
Sanyo
C7
Capacitor
4
6MV1500GX, 1500µF, 6.3V, Elect
Sanyo
C8
Capacitor
1
0.047µF for 3034 , 0.1µF for IRU3033
C6
Capacitor
1
4700pF for IRU3034, open for IRU3033
HS1
Heat Sink
1
For MOSFET, 577002
Aavid
HS2
Heat Sink
1
For Schottky Diode, 577002
Aavid
*R4 is a parallel combination of R4A and R4B.
Note: For the applications where it is desirable to eliminate the heat sink, the IRL3103S for Q2 and
MBR1545CT for D2 in TO-263 packages with minimum of 1" square copper pad can be used.
PENTIUM CORE SUPPLY APPLICATION PARTS LIST
(IRU3034 and IRU3033 Dual Layout) Low Cost 4-Bit VID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com