Electronic Components Datasheet Search
  English  ▼

X  

IRU3034CS Datasheet(PDF) 4 Page - International Rectifier

Part # IRU3034CS
Description  8-PIN PWM SWITCHER CONTROLLER IC WITH CURRENT LIMITING
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU3034CS Datasheet(HTML) 4 Page - International Rectifier

  IRU3034CS Datasheet HTML 1Page - International Rectifier IRU3034CS Datasheet HTML 2Page - International Rectifier IRU3034CS Datasheet HTML 3Page - International Rectifier IRU3034CS Datasheet HTML 4Page - International Rectifier IRU3034CS Datasheet HTML 5Page - International Rectifier IRU3034CS Datasheet HTML 6Page - International Rectifier IRU3034CS Datasheet HTML 7Page - International Rectifier IRU3034CS Datasheet HTML 8Page - International Rectifier IRU3034CS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
IRU3034 & (PbF)
4
www.irf.com
TYPICAL APPLICATION
Pentium Core Supply Application (IRU3034 and IRU3033 Dual Layout)
Low Cost 4-Bit VID
Figure 3 - Typical application of IRU3034 in a flexible motherboard with the 4-bit VID output voltage selection. This
circuit is done using a dual layout with the IRU3033 part. The advantage of this circuit is that it uses a single jumper
that programs the output voltage in 16 steps with 0.1V steps from 2V to 3.5V, designed for Intel P55, P54, AMD K5
& K6 as well as Cyrix M1 and M2 applications.
0 = Jumper block is installed.
1 = Jumper block is not installed.
Note: R9 can be
eliminated if dual
layout with IRU3033
is not desired.
JP1
1-2
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
JP1
3-4
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
JP1
5-6
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
JP1
7-8
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
Output
Voltage
3.5
3.4
3.3
3.2
3.1
3.0
2.9
2.8
2.7
2.6
2.5
2.4
2.3
2.2
2.1
2.0
5V
12V
C3
R3
C5
C8
R9
L1
Q2
C1
L2
R4
C7
1
D1
R2
C4
R5A
R5B
R5C
R5D
R5E
2
3
4
5
6
7
8
JP1
R1
VOUT
C2
R8
R6
C6
R7
Drv
V12
VFB VHYST
Gnd
CS-/
VFB2
CS+/
Drv2
SS/
V12
U1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com