Electronic Components Datasheet Search
  English  ▼

X  

IRU3034CS Datasheet(PDF) 7 Page - International Rectifier

Part # IRU3034CS
Description  8-PIN PWM SWITCHER CONTROLLER IC WITH CURRENT LIMITING
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU3034CS Datasheet(HTML) 7 Page - International Rectifier

Back Button IRU3034CS Datasheet HTML 3Page - International Rectifier IRU3034CS Datasheet HTML 4Page - International Rectifier IRU3034CS Datasheet HTML 5Page - International Rectifier IRU3034CS Datasheet HTML 6Page - International Rectifier IRU3034CS Datasheet HTML 7Page - International Rectifier IRU3034CS Datasheet HTML 8Page - International Rectifier IRU3034CS Datasheet HTML 9Page - International Rectifier IRU3034CS Datasheet HTML 10Page - International Rectifier IRU3034CS Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
IRU3034 & (PbF)
7
www.irf.com
Figure 5 - The circuit in figure 5 is designed to provide loss-less output short detection by detecting the DC voltage
across the inductor and shutting down the MOSFET and entering HICCUP mode. Note that the current limit point
is a function of the inductor resistance and in this application with approximately 8mΩ resistance the peak CL is
set at 10A. See application note on how to set the current limiting threshold.
TYPICAL APPLICATION
5V to 3.3V with loss-less short circuit protection (Output UVLO detection)
Ref Desig
Description
Qty
Part #
Manuf
U1
Switcher IC
1
IRU3034CS (8-Pin SOIC)
IR
Q2
MOSFET
1
IRL3303 (TO-263)
IR
D1
Schottky Diode
1
PBYR735 (Axial Thru Hole pkg)
PBYR1035B (SMT, T-263 pkg)
Motorola
L2
Inductor
1
Core: T50-18, L=4µH
Micro Metal
Turns: 7T, 18 AWG
(core)
L1
Inductor
1
L=µH
R1,2
Resistor
2
10Ω, 5%, SMT
R3
Resistor
1
182KΩ, 1%, SMT
R4
Resistor
1
1KΩ, 1%, SMT
R5
Resistor
1
576Ω, 1%, SMT
R7
Resistor
1
3.83KΩ, 1%, SMT
R6
Resistor
1
1KΩ, 1%, SMT
C1
Capacitor
1
470µF, Elect
C2
Capacitor
1
6MV1000GX, 1000µF, 6.3V, Elect
Sanyo
C3
Capacitor
1
1µF, Ceramic, SMT
C5
Capacitor
1
10pF, Ceramic, SMT
Sanyo
C6
Capacitor
1
0.1µF
C7
Capacitor
2
6MV1000GX, 1000µF, 6.3V, Elect
Sanyo
C8
Capacitor
1
0.047µF
VOUT
5V
C1
L1
C3
Q2
C2
L2
R4
C7
D1
R2
C4
R5
R1
12V
R3
C5
C8
U1
R6
C6
R7
Drv
V12
VFB VHYST
Gnd
CS- CS+
SS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com