Electronic Components Datasheet Search
  English  ▼

X  

GCB-B Datasheet(PDF) 13 Page - Amphenol Corporation

Part # GCB-B
Description  Inhaltsverzeichnis
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

GCB-B Datasheet(HTML) 13 Page - Amphenol Corporation

Back Button GCB-B Datasheet HTML 9Page - Amphenol Corporation GCB-B Datasheet HTML 10Page - Amphenol Corporation GCB-B Datasheet HTML 11Page - Amphenol Corporation GCB-B Datasheet HTML 12Page - Amphenol Corporation GCB-B Datasheet HTML 13Page - Amphenol Corporation GCB-B Datasheet HTML 14Page - Amphenol Corporation GCB-B Datasheet HTML 15Page - Amphenol Corporation GCB-B Datasheet HTML 16Page - Amphenol Corporation GCB-B Datasheet HTML 17Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
12
VG95234 / GCB-B – Polbilder / Contact arrangements / Arrangements
Ansicht auf die Vorderseite des
Stifteinsatzes /
Front face of pin insert illustrated /
Vue face avant de l’insert mâle
Polbild /
Contact
arrangement /
Arrangement
Kontakte / Contacts /
Contacts
Spannungsklasse
für Kontakte /
Voltage class for
contacts / Tension
d’utilisation des
contacts
Winkelstellung der Kontakteinsätze in Grad /
Angular position of the contact inserts
in degrees / Polarisation des inserts en degrés
Anzahl /
Number /
Nombre
Größe /
Size /
Taille
NW
X
Y
Z
28-21
37
15
2
0
-
110
250
-
28-22
3
30
70
145
215
290
3
28A63
19
15
10
-
100
260
-
925
32-1
3A – 4
0-
110
250
-
2
32-3
4AWG 16
30
-
110
250
-
2AWG 12
2AWG 4
1AWG 0
32-6
16
20
-
110
250
-
2
3
2
32-7
28
15
1
0
-
125
235
-
725
32A69
41
10
10
-
110
250
-
20
15
36-3
3
30
70
145
215
290
3
36-5
4
2
0
-
120
240
-
(*) Nicht für Neukonstruktionen / Not for new design / Pas pour nouveau développement
Alle anderen / All
others / Autres – 3
AWG 16 (*)
/ Metr. 15
AWG 4 (*)
/ Metr. 160
AWG 12 (*)
/ Metr. 25
AWG 0 (*)
/ Metr. 500
AWG 12 (*)
/ Metr. 25
AWG 0 (*)
/ Metr. 500
AWG 0 (*)
/ Metr. 500
AWG 16 (*)
/ Metr. 15
AWG 12 (*)
/ Metr. 25
AWG 8 (*)
/ Metr. 60
AWG 4 (*)
/ Metr. 160
0298_ailb_kat.neu.411 04.03.2005 14:21 Uhr Seite 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com