Electronic Components Datasheet Search
  English  ▼

X  

GCB-B Datasheet(PDF) 21 Page - Amphenol Corporation

Part # GCB-B
Description  Inhaltsverzeichnis
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

GCB-B Datasheet(HTML) 21 Page - Amphenol Corporation

Back Button GCB-B Datasheet HTML 17Page - Amphenol Corporation GCB-B Datasheet HTML 18Page - Amphenol Corporation GCB-B Datasheet HTML 19Page - Amphenol Corporation GCB-B Datasheet HTML 20Page - Amphenol Corporation GCB-B Datasheet HTML 21Page - Amphenol Corporation GCB-B Datasheet HTML 22Page - Amphenol Corporation GCB-B Datasheet HTML 23Page - Amphenol Corporation GCB-B Datasheet HTML 24Page - Amphenol Corporation GCB-B Datasheet HTML 25Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
20
VG95234 Form K / VG95234 Style K
Freier Steckverbinder, 90° abgewinkelt,
mit 360° HF-Abdichtung durch
Massefingerring und Endgehäuse für
Schutzschlauchanschluss.
Free connector, angular type with grounding
fingers and backshell for conduit termination.
Mobile coudée 90° avec bague de masse et
raccord pour conduit.
Beispiel / Example / Exemple
- VG95234K-18-1SN
- GCB3108FG-18-1SNB
- GCA3108FG-18-1SNB
Gehäusegröße /
Shell size /
Taille de boîtier
d1
max.
d3
Klasse 2A
(Class 2A, Classe 2A)
l 1
max.
l 2
max.
l5
min.
Masse /
Mass
g max. (1)
(1)
Masse ohne Kontakteinsätze / Mass without contact inserts / Masse sans inserts
10SL
22,8
5/8-24UNEF
45
30
9,4
27
14S
29,2
3/4-20UNEF
47
30
9,4
43
16S
32,0
7/8-20UNEF
48
30
9,4
48
16
32,0
7/8-20UNEF
57
35
9,4
58
18
36,5
1-20UNEF
58
35
9,4
58
20
39,9
1 3/16-18UNEF
61
35
9,4
74
22
43,1
1 3/16-18UNEF
61
40
9,4
78
24
46,6
1 7/16-18UNEF
66
40
9,4
104
28
53,4
1 7/16-18UNEF
66
40
9,4
126
32
60,1
1 3/4-18UNS
72
45
11,0
160
36
66,3
2 –18UNS
75
50
12,6
190
Gehäusegröße /
Shell size /
Taille de boîtier
d1
max.
d 3
Klasse 2A
(Class 2A, Classe 2A)
l 2
min.
d2
min.
l1
max.
Masse /
Mass
g max. (1)
10SL
22,8
8,2
5/8-24UNEF
50
9,5
21
14S
29,2
11,1
3/4-20UNEF
50
9,5
33
16S
32,0
14,3
7/8-20UNEF
50
9,5
42
16
32,0
14,3
7/8-20UNEF
60
9,5
51
18
36,5
16,7
1-20UNEF
60
9,5
59
20
39,9
19,8
1 3/16-18UNEF
60
9,5
58
22
43,1
19,8
1 3/16-18UNEF
60
9,5
62
24
46,6
25,4
1 7/16-18UNEF
65
9,5
84
28
53,4
27,0
1 7/16-18UNEF
65
9,5
100
32
60,1
32,5
1 3/4-18UNS
65
11,0
116
36
66,3
35,7
2 –18UNS
80
11,8
142
Freier Steckverbinder, gerade, mit 360°
HF-Abdichtung durch Massefingerring und
Endgehäuse für Schutzschlauchanschluss.
Free connector, straight type with grounding
fingers and backshell for conduit termination.
Mobile droite avec bague de masse et
raccord pour conduit.
Beispiel / Example / Exemple
- VG95234L-18-1SN
- GCB3106FG-18-1SNB
- GCA3106FG-18-1SNB
(1)
Masse ohne Kontakteinsätze / Mass without contact inserts / Masse sans inserts
VG95234 Form L / VG95234 Style L
0298_ailb_kat.neu.411 04.03.2005 14:21 Uhr Seite 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com