Electronic Components Datasheet Search
  English  ▼

X  

7803293 Datasheet(PDF) 18 Page - CommScope Inc.

Part # 7803293
Description  ERA® Ordering Guide
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMMSCOPE [CommScope Inc.]
Direct Link  https://www.commscope.com/
Logo COMMSCOPE - CommScope Inc.

7803293 Datasheet(HTML) 18 Page - CommScope Inc.

Back Button 7803293 Datasheet HTML 14Page - CommScope Inc. 7803293 Datasheet HTML 15Page - CommScope Inc. 7803293 Datasheet HTML 16Page - CommScope Inc. 7803293 Datasheet HTML 17Page - CommScope Inc. 7803293 Datasheet HTML 18Page - CommScope Inc. 7803293 Datasheet HTML 19Page - CommScope Inc. 7803293 Datasheet HTML 20Page - CommScope Inc. 7803293 Datasheet HTML 21Page - CommScope Inc. 7803293 Datasheet HTML 22Page - CommScope Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
16
ERA Ordering Guide
For North America
Coarse Wavelength Division Multiplexing (CWDM) SFP+
CWDM Configuration
• 18 CWDM SFP+ (1270 to 1610)
• Placed in OPT card (WIN, CAN, TEN)
• Placed in CAP (fiber version)
Different to analogue transmission for digital data-streams, CWDM is a very common approach to extend transport capacity while saving on
fiber count or even not increasing the number of used fibers. ERA is using standard SFP+ modules for different distances (e.g. 10 km and 40 km)
and different laser wave-length (e.g. 18 wave-length/colors). Even so ERA is in principle capable to work with almost any standard SFP+ module.
CommScope is offering a selection of pre-qualified and approved SFP+ modules and MUX/DEMUX filters. The right selection of SFP+ colors
together with the appropriate WDM-MUX/DEMUX provides the ERA WDM solution.
CWDM MUX & DEMUX
• Passive
• Rack Mountable
• 2, 4, 8, 18 wavelength
CWDM Add and Drop
• Passive
• Remote Unit
Side Mountable
• 2 wavelength



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com