Electronic Components Datasheet Search
  English  ▼

X  

7803293 Datasheet(PDF) 11 Page - CommScope Inc.

Part # 7803293
Description  ERA® Ordering Guide
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMMSCOPE [CommScope Inc.]
Direct Link  https://www.commscope.com/
Logo COMMSCOPE - CommScope Inc.

7803293 Datasheet(HTML) 11 Page - CommScope Inc.

Back Button 7803293 Datasheet HTML 7Page - CommScope Inc. 7803293 Datasheet HTML 8Page - CommScope Inc. 7803293 Datasheet HTML 9Page - CommScope Inc. 7803293 Datasheet HTML 10Page - CommScope Inc. 7803293 Datasheet HTML 11Page - CommScope Inc. 7803293 Datasheet HTML 12Page - CommScope Inc. 7803293 Datasheet HTML 13Page - CommScope Inc. 7803293 Datasheet HTML 14Page - CommScope Inc. 7803293 Datasheet HTML 15Page - CommScope Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
9
ERA Ordering Guide
For North America
Ordering Information
Description
Product
Code
CommScope
Material ID
Power Supply Unit Subrack, AC
Accommodates 4 power supply units
Dimensions (HxWxD) 1 RU x 483 x 495 mm
PSU-SR-AC
7693531-00
Power Supply Units
12 Vdc, 100-240 Vac
PSU-12V-AC
7663610-00
57 Vdc, 100-240 Vac
PSU-57V-AC
7663468-00
Head-End: Power Supply
Power Supply Unit Shelf
PSU-57V-AC
PSU-12V-AC
ERA simplifies ordering with one universal power supply subrack and two
standard power modules hosting 2x 12 Vdc and 2x 57 Vdc in a single shelf.
Features:
• 1U height minimizes rack space usage
• Redundant 12 Vdc and 57 Vdc modules
• Hot-swapped functionality
• Powers WCS subracks, access points
and connected devices
• PSU subrack and modules for each
WCS subrack
Specifications - Power Supply Subrack
Electrical
Use
Modules
2
12 Vdc WCS
2
57 Vdc Power over CAT
Redundancy
Yes
Current Share
Yes
Mechanical
Connection
IEC60320 C19
Height x Width x Depth, mm (in)
1U x 482 x 495
(1U x 19 x 19.5)
Weight, kg (lb)
4.2 (9.2)
Operating Temperature, °C (°F)
+5 to +40 (+41 to +104)
Specifications - Power Supply Units
Electrical
12Vdc Module
57Vdc Module
Input Voltage, Vac
85 to 264
85 to 264
Input Frequency Range, Hz
47 to 63
47 to 66
Output Voltage, Vdc
12
57
Output Power, Watts
90-132 Vac: 750
90-140 Vac:
1200
180-264 Vac: 1250
185-300 Vac:
2000
Mechanical
Height x Width x Depth, mm (in)
42 x 100 x 285
(1.6 x 3.9 x 11.2)
42 x 100 x 350
(1.6 x 3.9 x 13.8)
Weight, kg (lb)
1.4 (3.08)
2.3 (5.06)
Operating Temperature, °C (°F)
-10 to +55 (+14 to +131)
-10 to +55 (+14 to +131)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com