Electronic Components Datasheet Search
  English  ▼

X  

7803293 Datasheet(PDF) 12 Page - CommScope Inc.

Part # 7803293
Description  ERA® Ordering Guide
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMMSCOPE [CommScope Inc.]
Direct Link  https://www.commscope.com/
Logo COMMSCOPE - CommScope Inc.

7803293 Datasheet(HTML) 12 Page - CommScope Inc.

Back Button 7803293 Datasheet HTML 8Page - CommScope Inc. 7803293 Datasheet HTML 9Page - CommScope Inc. 7803293 Datasheet HTML 10Page - CommScope Inc. 7803293 Datasheet HTML 11Page - CommScope Inc. 7803293 Datasheet HTML 12Page - CommScope Inc. 7803293 Datasheet HTML 13Page - CommScope Inc. 7803293 Datasheet HTML 14Page - CommScope Inc. 7803293 Datasheet HTML 15Page - CommScope Inc. 7803293 Datasheet HTML 16Page - CommScope Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
10
ERA Ordering Guide
For North America
Access Points - UAP and CAP
The ERA access points offer a wide variety of customization options. They can be fitted with various antenna types
and power levels to suit indoor, outdoor or mixed deployments. They feature external antenna ports for performance,
aesthetics and signal shaping, and allow embedded MIMO support to deliver top data speeds.
Features:
• A range of power levels to economically cover
large indoor and outdoor spaces
• Outdoor and plenum ratings to allow widest
variety of deployment scenarios
• Copper or fiber connections to suit short or long cable runs
• Power over category cable or remote power
through hybrid fiber support
• Daisy-chaining capability for additional carrier
access points or other IP device
UAP2
CAP L
CAP L2
CAP M
CAP M2
C-band
CAP MX
CAP H
Output Power
+24 dBm
18/21 dBm
per 60-125 mW
+21 dBm
30 dBm
per 1 W
+34 dBm
29 dBm (< 1
GHz)
33 dBm
1900MHz and
2100MHz
30 dBm
2300MHz
32 dBm 2500MH
43 dBm
Frequency Bands
4x Radio
Modules
MIMO2x2
4
4x Radio
Modules
MIMO2x2
4
Full C-Band
10
4
Antennas
Embedded
MIMO 2x2
External
External
External
External
External
External
Outdoor Rated
No
Yes
Yes
Yes
Yes
Yes
Yes
Plenum Rated
No
Yes
Yes
Yes
Yes
Yes
Yes
Network Connection
Copper or Fiber
Copper or Fiber
Copper or Fiber
Fiber
Fiber
Fiber
Fiber
MIMO
Embedded
Cascaded or
Embedded
Embedded
Cascaded or
Embedded
Embedded
SISO
Cascaded or
Embedded
Cooling
Active
Passive or Active
Passive
Passive
Passive
Passive
Active
Cascading
No
Yes
No
Yes
No
No
Yes
Height x Width x Depth
mm (in)
345 x 345 x 91
(13.58 x 13.53 x
3.58)
424 x 388 x 110
(16.69 x 15.28 x
4.33)
500 x 355 x 100
(19.685 x 13.976 x
3.937)
514 x 453 x 460
(20.24 x 17.83 x
6.30)
460 x 350 x 215
(18.11 x 13.78 x
8.465)
475 x 569 x 191
(18.7 x 22.4 x
7.5)
824 x 176 x 220
(32.44 x 6.93 x
8.66)
Specifications
Multiple Access Point Options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com