Electronic Components Datasheet Search
  English  ▼

X  

7803293 Datasheet(PDF) 7 Page - CommScope Inc.

Part # 7803293
Description  ERA® Ordering Guide
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMMSCOPE [CommScope Inc.]
Direct Link  https://www.commscope.com/
Logo COMMSCOPE - CommScope Inc.

7803293 Datasheet(HTML) 7 Page - CommScope Inc.

Back Button 7803293 Datasheet HTML 3Page - CommScope Inc. 7803293 Datasheet HTML 4Page - CommScope Inc. 7803293 Datasheet HTML 5Page - CommScope Inc. 7803293 Datasheet HTML 6Page - CommScope Inc. 7803293 Datasheet HTML 7Page - CommScope Inc. 7803293 Datasheet HTML 8Page - CommScope Inc. 7803293 Datasheet HTML 9Page - CommScope Inc. 7803293 Datasheet HTML 10Page - CommScope Inc. 7803293 Datasheet HTML 11Page - CommScope Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
5
ERA Ordering Guide
For North America
Head-End: WCS Subracks
Features:
• WCS subracks may be used as CANs, TENs or WINs
• All cards are used universally to support all frequency bands
• Universal slots recognize inserted cards
• Configuration, optimization, and upgrades are rendered
from a GUI, either locally or remotely
Ordering Information
Description
Dimensions
(HxWxD)
Product
Code
CommScope
Material ID
Wireless Communication Switch (WCS) Subracks
2 RU, 11 card slots
2 U x 482 x 450 mm
WCS-2
7635443-01
4 RU, 19 card slots
4 U x 482 x 450 mm
WCS-4
7635442-01
WCS Embedded Power Supply Unit Subrack, DC
2 RU, 11 card slots
2U x 482 x 450 mm
WCS DC 2HU
7844067-00
4 RU, 19 card slots
4U x 482 x 450 mm
WCS DC 4HU
7844068-00
Accessories
WCS Fan Tray
7635468
WCS Air Filter
7700691
WCS-2
WCS-4
Transport Media
Category 6A
CommScope GigaSPEED® X10D®; or
equivalent
MM fiber
CommScope LazrSPEED® ; or equivalent
SM fiber
CommScope TeraSPEED® ; or equivalent
Electrical
Input Voltage, Vdc
Subrack:
12
Power over CAT:
57
Input Voltage, WCS, DC
Subrack:
-48vdc
Power over CAT:
Not Supported
Power Consumption , Watts
WCS-2
45
WCS-4
70
Mechanical
Number of Card Slots
WCS-2:
11
WCS-4:
19
Height x Width x Depth, mm (in)
WCS-2:
2U x 482 x 450
(2U x 19” x 17.7)
WCS-4:
4U x 482 x 450
(4U x 19” x 17.7)
Weight, kg (lb)
WCS-2:
7.6 (16.7)
WCS-4:
10.8 (23.8)
Operating Temperature, °C (°F)
+5 to +40
(+41 to +104)
Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com