Electronic Components Datasheet Search
  English  ▼

X  

LS-T8 Datasheet(PDF) 10 Page - IDEC Corporation

Part # LS-T8
Description  Emergency Stop Switches
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

LS-T8 Datasheet(HTML) 10 Page - IDEC Corporation

Back Button LS-T8 Datasheet HTML 6Page - IDEC Corporation LS-T8 Datasheet HTML 7Page - IDEC Corporation LS-T8 Datasheet HTML 8Page - IDEC Corporation LS-T8 Datasheet HTML 9Page - IDEC Corporation LS-T8 Datasheet HTML 10Page - IDEC Corporation LS-T8 Datasheet HTML 11Page - IDEC Corporation LS-T8 Datasheet HTML 12Page - IDEC Corporation LS-T8 Datasheet HTML 13Page - IDEC Corporation LS-T8 Datasheet HTML 14Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
10
Mounting Hole Layout
The values shown on the left are the
minimum dimensions for mounting
with other ø16 mm pushbuttons. For
other control units of different sizes and
styles, determine the values according to
dimensions, operation, and wiring.
X
Y
ø30 mm Button
40 mm min.
40mm min.
ø40 mm Button
50 mm min.
50mm min.
ø16.2
+0.2
0
X
Y
Dimensions
Unmarked
Arrow Marked
Unmarked
Arrow Marked
ø30mm Button
ø40mm Button
3.6
Solder terminal
(Depth behind the panel: 19.5 mm)
Mounting Hole Layout
1.7
+0.2
0
Panel thickness 0.8 to 4.5
15.9
20.6
20.6
ø16.2
+0.2
0
Terminal Arrangement
(Bottom View)
1NC: Terminals located near the
TOP marking
1
TOP
2
1
2
Accessories
Shape
Material
Part No.
Package Quantity
Remarks
Locking Ring Wrench
Metal
(nickel-plated
brass)
MT-001
1
• Used to tighten the locking ring
when installing the X6 switch
onto a panel.
Locking Ring
Polyamide
XA9Z-LNPN10
10
• Black
All dimensions in mm.
ø16 X6 Series Emergency Stop Switches (Unibody)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com