Electronic Components Datasheet Search
  English  ▼

X  

LS-T8 Datasheet(PDF) 61 Page - IDEC Corporation

Part # LS-T8
Description  Emergency Stop Switches
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

LS-T8 Datasheet(HTML) 61 Page - IDEC Corporation

Back Button LS-T8 Datasheet HTML 56Page - IDEC Corporation LS-T8 Datasheet HTML 57Page - IDEC Corporation LS-T8 Datasheet HTML 58Page - IDEC Corporation LS-T8 Datasheet HTML 59Page - IDEC Corporation LS-T8 Datasheet HTML 60Page - IDEC Corporation LS-T8 Datasheet HTML 61Page - IDEC Corporation LS-T8 Datasheet HTML 62Page - IDEC Corporation LS-T8 Datasheet HTML 63Page - IDEC Corporation LS-T8 Datasheet HTML 64Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 61 / 64 page
background image
61
Projection
When anti-rotation is not required or when the panel cut-out
does not have anti-rotation recess, remove the projection using pliers.
0
+0.2
The * 1.7
recess is for preventing rotation and
not necessary when anti-rotation is not used.
0
+0.2
*3.2
0
+0.
4
ø22.
3
Max.
R0.8
Panel Cut-out
ø16mm
ø22mm
0
+0.2
The * 3.2
recess is for preventing rotation and
not necessary when anti-rotation is not used.
0
+0.2
ø16.
2
0
+0.2
*1.7
SEMI EMO Switch Guards
Dimensions
• Panel thickness: 1.2 to 4.0 mm
(1.2 to 2.6 mm when using an HWAV nameplate)
Gasket
ø1
6
42
35
23.1
(1.7)
(0.2)
36.5
50
ø22.
2
ø90
(2.2)
(0.2)
Gasket
50
35
(2.2)
(0.2)
ø22
Gasket
ø41
38
64
48
(0.2)
(2)
22
ø2
2
Gasket
ø22
ø37
35
42
(2.2)
(0.2)
Gasket
SEMI S2 Compliant Switch Guards
36.2
75
63
ø9
0
ø22
(2)
(0.2)
Gasket
XA9Z-KG1
HW9Z-KG3
HW9Z-KG1
HW9Z-KG4
HW9Z-KG2
HW9Z-KG5
3mm max.
Note: The height of the applicable switch and guard will be
3 mm or less as shown in the diagram on the right.
All dimensions in mm.
Locking
Ring
TOP Marking
TOP
Marking
Operator Button
Panel Thickness: 1 to 2.2
TOP Marking
Locking
Ring
Operator
Button
TOP Marking
Panel Thickness: 1.2 to 4
Installation
To tighten the locking ring, use locking ring wrench
MT-100 and tighten to a torque of 0.88 N·m.
To tighten the locking ring, use locking ring wrench
MW9Z-T1 and tighten to a torque of 2.0 N·m.
ø16 mm
ø22 mm
Nameplate (for ø22 mm Emergency Stop Switches)
Name
Legend
Part No.
Remarks
For ø40mm Mushroom
EMERGENCY OFF
HWAV-74-Y
• Nameplate color: yellow
• Legend color: black
ø22
1.0
1.5
ø60
EMO Sticker
Part No.: HW9Z-EMO-NPP
Color:
Yellow (red legend)
Package Quantity: 10
50
40
EMO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com