Electronic Components Datasheet Search
  English  ▼

X  

LS-T8 Datasheet(PDF) 17 Page - IDEC Corporation

Part # LS-T8
Description  Emergency Stop Switches
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

LS-T8 Datasheet(HTML) 17 Page - IDEC Corporation

Back Button LS-T8 Datasheet HTML 13Page - IDEC Corporation LS-T8 Datasheet HTML 14Page - IDEC Corporation LS-T8 Datasheet HTML 15Page - IDEC Corporation LS-T8 Datasheet HTML 16Page - IDEC Corporation LS-T8 Datasheet HTML 17Page - IDEC Corporation LS-T8 Datasheet HTML 18Page - IDEC Corporation LS-T8 Datasheet HTML 19Page - IDEC Corporation LS-T8 Datasheet HTML 20Page - IDEC Corporation LS-T8 Datasheet HTML 21Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 64 page
background image
17
Dimensions
Non-illuminated
Solder Terminal
ø29mm Mushroom
ø40mm Mushroom
PC Board Terminal
3.1
Locking Ring
Rubber Gasket
Mounting Panel Thickness: 0.8 to 3.7
XA9Z-VL2
Terminal Cover
2.1
25.8
20.6
30.4
29.4
25.8
20.6
30.4
ø40
ø29
Illuminated
ø29mm Mushroom
Solder Terminal
Mounting Panel Thickness: 0.8 to 3.7
2.1
25.8
20.6
30.4
PC Board Terminal
3.1
29.4
Locking Ring
Rubber Gasket
XA9Z-VL2
Terminal Cover
25.8
20.6
30.4
ø40mm Mushroom
ø40
ø29
PC Board Layout (Bottom View)
Panel Cut-out
Non-Illuminated
Illuminated
0
+0.2
ø16.
2
0
+0.2
1.7
8.7
19.8
10-ø1.2
holes
6.5
4.5
3-ø1.7
holes
All dimensions in mm.
3-ø1.7
holes
8.7
19.8
10-ø1.2
holes
6.5
Mounting Hole Layout
LED Unit Internal Circuit
X
Y
ø29mm Mushroom
40 mm minimum
ø40mm Mushroom
50 mm minimum
• The values shown above are the minimum
dimensions for mounting with other ø16
mm pushbuttons. For other control units
of different sizes and styles, determine
the values according to the dimensions,
operation, and wiring convenience.
ø16.2
+0.2
0
X
Y
X1
R1
R2
LED
LED chip
Protection diode
Resistor
R3
X2
XA Series Emergency Stop Switches (w/Removable Contact Block) ø16
XA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com