Electronic Components Datasheet Search
  English  ▼

X  

LS-T8 Datasheet(PDF) 23 Page - IDEC Corporation

Part # LS-T8
Description  Emergency Stop Switches
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

LS-T8 Datasheet(HTML) 23 Page - IDEC Corporation

Back Button LS-T8 Datasheet HTML 19Page - IDEC Corporation LS-T8 Datasheet HTML 20Page - IDEC Corporation LS-T8 Datasheet HTML 21Page - IDEC Corporation LS-T8 Datasheet HTML 22Page - IDEC Corporation LS-T8 Datasheet HTML 23Page - IDEC Corporation LS-T8 Datasheet HTML 24Page - IDEC Corporation LS-T8 Datasheet HTML 25Page - IDEC Corporation LS-T8 Datasheet HTML 26Page - IDEC Corporation LS-T8 Datasheet HTML 27Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 64 page
background image
23
LED Illuminated Pushlock Pull/Turn Reset (Screw Terminal)
Shape
Illumination
Rated
Voltage
NC Main
Contact
NO Monitor
Contact
Part No.
IP20
w/Terminal Cover
ø40mm Mushroom
LED
24V
AC/DC
1NC
—
XW1E-LV401Q4MFR
XW1E-LV401Q4MR
2NC
—
XW1E-LV402Q4MFR
XW1E-LV402Q4MR
3NC
—
XW1E-LV403Q4MFR
XW1E-LV403Q4MR
4NC
—
XW1E-LV404Q4MFR
XW1E-LV404Q4MR
1NC
1NO
XW1E-LV411Q4MFR
XW1E-LV411Q4MR
2NC
1NO
XW1E-LV412Q4MFR
XW1E-LV412Q4MR
3NC
1NO
XW1E-LV413Q4MFR
XW1E-LV413Q4MR
2NC
2NO
XW1E-LV422Q4MFR
XW1E-LV422Q4MR
• The operator color is red only.
• IP20 types can be connected to solid wires only.
LED Illuminated Pushlock Pull/Turn Reset (Solder Terminal/PC Board Terminal)
Shape
Illumination
Rated
Voltage
NC Main
Contact
NO Monitor
Contact
Part No.
Solder Terminal
PC Board Terminal
ø40mm Mushroom
LED
24V
AC/DC
1NC
—
XW1E-LV401Q4R
XW1E-LV401Q4VR
2NC
—
XW1E-LV402Q4R
XW1E-LV402Q4VR
3NC
—
XW1E-LV403Q4R
XW1E-LV403Q4VR
4NC
—
XW1E-LV404Q4R
XW1E-LV404Q4VR
1NC
1NO
XW1E-LV411Q4R
XW1E-LV411Q4VR
2NC
1NO
XW1E-LV412Q4R
XW1E-LV412Q4VR
3NC
1NO
XW1E-LV413Q4R
XW1E-LV413Q4VR
2NC
2NO
XW1E-LV422Q4R
—
• The operator color is red only.
• Terminal cover (XA9Z-VL2) is ordered separately.
Push-ON LED Illuminated Pushlock Pull/Turn Reset (Screw Terminal)
Shape
Illumination
Rated
Voltage
NC Main
Contact
NO Monitor
Contact
Part No.
IP20
w/Terminal Cover
ø40mm Mushroom
LED
24V
AC/DC
3NC
—
XW1E-TV403Q4MFR
XW1E-TV403Q4MR
2NC
1NO
XW1E-TV412Q4MFR
XW1E-TV412Q4MR
• The operator color is red only.
• Push-ON is illuminated when the operator is latched, and turns off when reset.
• IP20 types can be connected to solid wires only.
Push-ON LED Illuminated Pushlock Pull/Turn Reset (Connector)
Shape
Illumination
Rated
Voltage
NC Main
Contact
NO Monitor
Contact
Part No.
ø40mm Mushroom
LED
24V
AC/DC
3NC
—
XW1E-TV403Q4VR-BC
• The operator color is red only.
• Push-ON is illuminated when the operator is latched, and turns off when reset.
See page 30 for applicable connectors.
XW Series Emergency Stop Switches ø22
XW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com