Electronic Components Datasheet Search
  English  ▼

X  

DW1221 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # DW1221
Description  CONTENTS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DW1221 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button DW1221 Datasheet HTML 13Page - List of Unclassifed Manufacturers DW1221 Datasheet HTML 14Page - List of Unclassifed Manufacturers DW1221 Datasheet HTML 15Page - List of Unclassifed Manufacturers DW1221 Datasheet HTML 16Page - List of Unclassifed Manufacturers DW1221 Datasheet HTML 17Page - List of Unclassifed Manufacturers DW1221 Datasheet HTML 18Page - List of Unclassifed Manufacturers DW1221 Datasheet HTML 19Page - List of Unclassifed Manufacturers DW1221 Datasheet HTML 20Page - List of Unclassifed Manufacturers DW1221 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
HEAVY-DUTY ACCESSORIES
37
WORKSITE
STORAGE
RANDOM ORBIT
SANDPAPER
CAT #
DESCRIPTION
SIZE
GRIT
QTY
5"
DW4301
8 Hole Hook and Loop
5"
80
5
DW4303
8 Hole Hook and Loop
5"
120
5
DW4304
8 Hole Hook and Loop
5"
150
5
DW4306
8 Hole Hook and Loop
5"
220
5
DW4307
8 Hole Hook and Loop
5"
Assortment
5
DW4309
8 Hole Hook and Loop
5"
80
25
DW4310
8 Hole Hook and Loop
5"
100
25
CAT #
DESCRIPTION
SIZE
GRIT
QTY
5" (Continued)
DW4311
8 Hole Hook and Loop
5"
120
25
DW4312
8 Hole Hook and Loop
5"
150
25
DW4314
8 Hole Hook and Loop
5"
220
25
6"
DW4331
6 Hole Hook and Loop
6"
80
5
DW4333
6 Hole Hook and Loop
6"
120
5
DW4334
6 Hole Hook and Loop
6"
150
5
FULL TOOL BELT SETS
All DEWALT Tool Belts and Bags share these quality features:
• Heavy-duty ballistic nylon or top grain leather provides maximum durability
• Reinforced solid steel rivets prevent pull through
• Double stitching for longer life
• Reinforced belt tunnel is 2X more durable
• Heat formed pockets for easy access
TOOL BAGS
• Ballistic nylon
• Reinforced bottom and side panel protects all contents
• Double stitching and steel rivets for maximum durability
• Interior/exterior pockets
POUCHES
D5104
Heavy-Duty Tool Pouch
• Ballistic nylon
• Dedicated tool storage
provides organization
D5106
Heavy-Duty Nail Pouch
• Ballistic nylon
• Dedicated nail storage
provides organization
D5110
Fastener Pouch
• Ballistic nylon
• Large main pocket
for bulk storage
• 4 heat formed pockets
• Size: 8.9"W x 12"H
D5122
Drywall Pouch
• Ballistic nylon
• Large main pocket
for greater capacity
• Keyhole saw loop
• Tape measure holder
• Size: 7"W x 8.3"H
D5126
Telecommunication's Pouch
• Ballistic nylon
• Large main pocket with
2 compartments for organization
• 2 interior hand tool loops
• 3 heat formed pockets for hand tools
• Electrical tape holder
• Size: 8.2"W x 8.8"H
D5136
Trim Carpenter's Pouch
• Ballistic nylon
• 2 large pockets
• 4 additional pockets for
dedicated storage
• Lightweight hammer holder
• Size: 8.2"W x 8.8"H
ACCESSORIES
D5120
Universal Drill Holder
• Ballistic nylon
• Designed for both left- and right-
handed users
• Accepts mid-handle or pistol grip drills
• Nylon strap and buckle keeps
drill in place when not in use
• Size: 6"W x 14"H
D5124
Hammer Holder
• Ballistic nylon
D5130
Tape Measure Holder
• Ballistic nylon
• Holds up to 35' tape
• Size: 4.5"W x 6"H
D5118
Electrical Test Kit Pouch
• Ballistic nylon
• Single pocket fits most
test kits
• Retention strap keeps
test kit in place
• Size: 4.4"W x 8.1"H
D5112
Technician's Pouch
• Ballistic nylon
• Large single pocket
• 3 inner slots for tool
storage
• Size: 4.8"W x 8.7"H
D5115SM/D5115LG
Heavy-Duty Work Belt
• Thick padding for greater comfort
• Works in conjunction with
D5117 Comfort Belt
D6100
Heavy-Duty 21" Tool Bag
• Size: 21"L x 11"W x 11.5"H
D6050
Heavy-Duty 17" Tool Bag
• Size: 17"L x 11"W x 8.5"H
D5101SM / D5101LG
Top Grain Leather
D5100SM / D5100LG
Ballistic Nylon



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com