Electronic Components Datasheet Search
  English  ▼

X  

DW1221 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # DW1221
Description  CONTENTS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DW1221 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button DW1221 Datasheet HTML 3Page - List of Unclassifed Manufacturers DW1221 Datasheet HTML 4Page - List of Unclassifed Manufacturers DW1221 Datasheet HTML 5Page - List of Unclassifed Manufacturers DW1221 Datasheet HTML 6Page - List of Unclassifed Manufacturers DW1221 Datasheet HTML 7Page - List of Unclassifed Manufacturers DW1221 Datasheet HTML 8Page - List of Unclassifed Manufacturers DW1221 Datasheet HTML 9Page - List of Unclassifed Manufacturers DW1221 Datasheet HTML 10Page - List of Unclassifed Manufacturers DW1221 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
HEAVY-DUTY ACCESSORIES
27
COBALT PILOT POINT®
DRILL BITS
CAT #
QTY/CARD
BULK
BULK/QTY
DIAMETER
DRILLING
OVERALL
Inches
Decimal
DEPTH
LENGTH
DW1204
2
DW1204B
12
1/16"
.0625
.88
1.88
DW1205
2
DW1205B
12
5/64"
.0781
1.00
2.00
DW1206
2
DW1206B
12
3/32"
.0938
1.25
2.25
DW1207
2
DW1207B
12
7/64"
.1094
1.50
2.62
DW1208
2
DW1208B
12
1/8"
.1250
1.62
2.75
DW1209
1
DW1209B
12
9/64"
.1406
1.75
2.88
DW1210
1
DW1210B
12
5/32"
.1562
2.00
3.12
DW1211
1
DW1211B
12
11/64"
.1719
2.12
3.25
DW1212
1
DW1212B
12
3/16"
.1875
2.31
3.50
DW1213
1
DW1213B
12
13/64"
.2031
2.44
3.62
DW1214
1
DW1214B
12
7/32"
.2188
2.50
3.75
DW1215
1
DW1215B
12
15/64"
.2344
2.62
3.88
DW1216
1
DW1216B
12
1/4"
.2500
2.75
4.00
DW1217
1
DW1217B
12
17/64"
.2656
2.88
4.12
DW1218
1
DW1218B
12
9/32"
.2812
2.94
4.25
CAT #
QTY/CARD
BULK
BULK/QTY
DIAMETER
DRILLING
OVERALL
Inches
Decimal
DEPTH
LENGTH
DW1219
1
DW1219B
12
19/64"
.2969
3.06
4.38
DW1220
1
DW1220B
6
5/16"
.3125
3.19
4.50
DW1221
1
DW1221B
6
21/64"
.3281
3.31
4.62
DW1222
1
DW1222B
6
11/32"
.3438
3.44
4.75
DW1223
1
DW1223B
6
23/64"
.3594
3.50
4.88
DW1224
1
DW1224B
6
3/8"
.3750
3.62
5.00
DW1225*
1
DW1225B*
6
25/64"
.3906
3.75
5.12
DW1226*
1
DW1226B*
6
13/32"
.4062
3.88
5.25
DW1227*
1
DW1227B*
6
27/64"
.4219
3.94
5.38
DW1228*
1
DW1228B*
6
7/16"
.4375
4.06
5.50
DW1229*
1
DW1229B*
6
29/64"
.4531
4.19
5.62
DW1230*
1
DW1230B*
6
15/32"
.4688
4.31
5.75
DW1231*
1
DW1231B*
6
31/64"
.4844
4.38
5.88
DW1232*
1
DW1232B*
6
1/2"
.5000
4.50
6.00
*3/8" reduced shank
DW1263
14 Piece Cobalt Set with
TOUGH CASE
TM Container
Contains: (2) 1/16", 5/64", 3/32",
7/64", (2) 1/8", 9/64", 5/32", 3/16",
7/32", 1/4", 5/16", 3/8"
DW1269
29 Piece Cobalt Set with Metal
Index Container
Contains: 1/16", 5/64", 3/32", 7/64",
1/8", 9/64", 5/32", 11/64", 3/16", 13/64",
7/32", 15/64", 1/4", 17/64", 9/32",
19/64", 5/16", 21/64", 11/32", 23/64",
3/8", 25/64", 13/32", 27/64", 7/16",
29/64", 15/32", 31/64", 1/2"
REDUCED SHANK
BLACK OXIDE DRILL BITS
CAT #
QTY/CARD
DIAMETER
SHANK
FLUTE
OVERALL
Inches
LENGTH
LENGTH
DW1620
1
9/16"
3/8"
3"
6"
DW1622
1
5/8"
3/8"
3"
6"
DW1623
1
11/16"
3/8"
3"
6"
DW1625
1
3/4"
3/8"
3"
6"
DW1627
1
7/8"
1/2"
3"
6"
DW1629
1
1"
1/2"
3"
6"
BRAD POINT DRILL BITS
CAT #
QTY/CARD
DIAMETER
SHANK
FLUTE
OVERALL
Inches
LENGTH
LENGTH
DW1702
1
1/8"
.1250
1.75
2.75
DW1704
1
3/16"
.1875
2.25
3.38
DW1706
1
1/4"
.2500
2.50
4.00
CAT #
QTY/CARD
DIAMETER
SHANK
FLUTE
OVERALL
Inches
LENGTH
LENGTH
DW1708
1
5/16"
.3125
3.13
4.75
DW1710
1
3/8"
.3750
3.50
5.25
DW1714
1
1/2"
.5000
4.00
6.00
12" BLACK OXIDE
DRILL BITS
CAT #
QTY/CARD
DIAMETER
SHANK
FLUTE
OVERALL
Inches
LENGTH
LENGTH
DW1602
1
1/8"
1/8"
1-5/8"
12"
DW1604
1
3/16"
3/16"
2-5/16"
12"
DW1606
1
1/4"
1/4"
2-3/4"
12"
DW1608
1
5/16"
5/16"
3-3/16"
12"
DW1610
1
3/8"
3/8"
3-5/8"
12"
DW1612
1
7/16"
3/8"
4-1/16"
12"
DW1614
1
1/2"
3/8"
4-1/2"
12"
BLACK OXIDE DRILL
BIT SETS
DW1163
13 Piece Split Point
Set with TOUGH
CASE
TM Container
Contains: (2) 1/16",
5/64", (2) 3/32", 7/64",
(2) 1/8", 9/64", 5/32",
3/16", 7/32", 1/4"
DW1167
17 Piece Split Point Set
with TOUGH CASE
TM
Container Contains: (2)
1/16", 5/64", 3/32", 7/64",
1/8", 9/64", 5/32", 11/64",
3/16",13/64", 7/32", 15/64",
1/4", 5/16", 3/8", 1/2"
DW1164
25 Piece Split Point Set
with Metal Index
Container Contains: (2)
1/16", (2) 5/64", (2) 3/32",
7/64", (2) 1/8", 9/64", 5/32",
11/64", 3/16", 13/64",
7/32", 15/64", (2) 1/4",
17/64", 9/32", 5/16",
11/32", 3/8", 7/16", 1/2"
UP TO
3/8"
UP TO
1/2"
Ideal for
Stainless
Steel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com