Electronic Components Datasheet Search
  English  ▼

X  

DW1221 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # DW1221
Description  CONTENTS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DW1221 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button DW1221 Datasheet HTML 6Page - List of Unclassifed Manufacturers DW1221 Datasheet HTML 7Page - List of Unclassifed Manufacturers DW1221 Datasheet HTML 8Page - List of Unclassifed Manufacturers DW1221 Datasheet HTML 9Page - List of Unclassifed Manufacturers DW1221 Datasheet HTML 10Page - List of Unclassifed Manufacturers DW1221 Datasheet HTML 11Page - List of Unclassifed Manufacturers DW1221 Datasheet HTML 12Page - List of Unclassifed Manufacturers DW1221 Datasheet HTML 13Page - List of Unclassifed Manufacturers DW1221 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
HEAVY-DUTY ACCESSORIES
30
ROCK CARBIDE®
SDS PLUS BITS
CAT #
DIAMETER
USABLE
OVERALL
LENGTH
LENGTH
DW5400
5/32"
2"
4"
DW5401
5/32"
4-1/2"
6-1/2"
DW5402
3/16"
2"
4"
DW5403
3/16"
4-1/2"
6-1/2"
DW5404
3/16"
6-1/2"
8-1/2"
DW5405
3/16"
8"
10"
DW5406
3/16"
10"
12"
DW5407
3/16"
12"
14"
DW5408
3/16"
14"
16"
DW5410
7/32"
4"
6"
DW5412
7/32"
8"
10"
DW5416
1/4"
2"
4"
DW5417
1/4"
4"
6"
DW5418
1/4"
6-1/2"
8-1/2"
DW5420
1/4"
10"
12"
DW5421
1/4"
12"
14"
DW5424
5/16"
4"
6"
DW5426
5/16"
10"
12"
DW5427
3/8"
4"
6"
DW5429
3/8"
8"
10"
DW5430
3/8"
10"
12"
DW5431
3/8"
16"
18"
DW5432
3/8"
22"
24"
DW5433
7/16"
4"
6"
DW5435
7/16"
10"
12"
DW5436
7/16"
16"
18"
CAT #
DIAMETER
USABLE
OVERALL
LENGTH
LENGTH
DW5437
1/2"
4"
6"
DW5438
1/2"
8"
10"
DW5439
1/2"
10"
12"
DW5440
1/2"
16"
18"
DW5441
1/2"
22"
24"
DW5442
9/16"
4"
6"
DW5443
9/16"
10"
12"
DW5444
9/16"
16"
18"
DW5445
9/16"
22"
24"
DW5446
5/8"
6"
8"
DW5447
5/8"
10"
12"
DW5448
5/8"
16"
18"
DW5449
5/8"
22"
24"
DW5450
11/16"
6"
8"
DW5453
3/4"
6"
8"
DW5455
3/4"
10"
12"
DW5456
3/4"
16"
18"
DW5457
3/4"
22"
24"
DW5458
27/32"
6"
8"
DW5460
7/8"
6"
8"
DW5461
7/8"
10"
12"
DW5462
7/8"
16"
18"
DW5464
1"
8"
10"
DW5466
1"
16"
18"
DW5468
1-1/8"
8"
10"
DW5469
1-1/8"
16"
18"
CAT #
DIAMETER
USABLE
OVERALL
LENGTH
LENGTH
Bulk Packs
DW5401B25
5/32"
4-1/2"
6-1/2"
DW5402B25
3/16"
2"
4"
DW5403B25
3/16"
4-1/2"
6-1/2"
DW5404B25
3/16"
6-1/2"
8-1/2"
DW5405B25
3/16"
8"
10"
DW5406B25
3/16"
10"
12"
DW5410B25
7/32"
4"
6"
DW5416B25
1/4"
2"
4"
DW5417B25
1/4"
4"
6"
DW5418B25
1/4"
6-1/2"
8-1/2"
DW5424B25
5/16"
4"
6"
DW5427B25
3/8"
4"
6"
DW5437B25
1/2"
4"
6"
DW5446B25
5/8"
6"
8"
SDS PLUS HEX SHANK
HAMMER BITS
CAT #
DIAMETER
USABLE
OVERALL
LENGTH
LENGTH
DW5359
5/32"
2"
5"
DW5360
5/32"
3"
6"
DW5361
5/32"
4"
7"
DW5362
3/16"
2"
5"
DW5363
3/16"
3"
6"
DW5364
3/16"
4"
7"
Bulk Packs
DW5364B25
3/16"
4"
7"
DW5470
5 Piece Set
Contains:
3/16" x 4-1/2"
x 6-1/2",
1/4" x 2" x 4",
1/4" x 4" x 6",
3/8" x 4" x 6",
1/2" x 4" x 6"
Fits all brands of
Electric and Cordless
SDS Plus Rotary
Hammers including
DEWALT, Bosch
and Hilti.
SDS MAX SHANK
HAMMER BITS
CAT #
DIAMETER
USABLE
OVERALL
LENGTH
LENGTH
2 Cutter SDS Max Shank
DW5803
1/2"
8"
13-1/2"
DW5804
1/2"
16"
21-1/2"
DW5801
9/16"
8"
13-1/2"
DW5802
9/16"
16"
21-1/2"
4 Cutter SDS Max Shank
DW5806
5/8"
8"
13-1/2"
DW5809
5/8"
16"
21-1/2"
DW5807
5/8"
31"
36"
DW5808
11/16"
16"
21-1/2"
DW5810
3/4"
8"
13-1/2"
DW5812
3/4"
16"
21-1/2"
DW5813
3/4"
31"
36"
DW5814
13/16"
16"
21-1/2"
DW5817
27/32"
16"
21-1/2"
DW5815
7/8"
8"
13-1/2"
DW5816
7/8"
16"
21-1/2"
CAT #
DIAMETER
USABLE
OVERALL
LENGTH
LENGTH
4 Cutter SDS Max Shank (continued)
DW5818
1"
8"
13-1/2"
DW5819
1"
16"
21-1/2"
DW5820
1"
31"
36"
DW5823
1-1/16"
18"
22-1/2"
DW5821
1-1/8"
10"
15"
DW5822
1-1/8"
18"
22-1/2"
DW5824
1-1/4"
10"
15"
DW5825
1-1/4"
18"
22-1/2"
DW5826
1-1/4"
31"
36"
DW5860
1-5/16"
18"
22-1/2"
DW5827
1-3/8"
18"
22-1/2"
DW5829
1-7/16"
18"
22-1/2"
DW5828
1-1/2"
18"
22-1/2"
DW5861
1-9/16"
18"
22-1/2"
DW5830
1-3/4"
18"
22-1/2"
DW5831
2"
18"
22-1/2"
ANCHOR INSTALLATION
ACCESSORIES
CAT #
DESCRIPTION
DW5365
Drive Sleeve for Hex SDS Plus Bits
DW5371
1/4" Magnetic Nut Driver
DW5372
5/16" Magnetic Nut Driver
DW5373
Insert Bit Adapter
DW5374
Percussion Bit Holder
DW5366
10 Piece Anchor Drive Installation
Kit with TOUGH CASE
TM Container
Contains: 5/32" x 4" x 7", 3/16" x 4"
x 7", Drive Sleeve, Percussion Bit
Holder, Insert Bit Adapter, #2 Insert
Bit, #3 Insert Bit, 1/4" Nut Driver,
5/16" Nut Driver, Hex Key
Fits all brands of SDS
Max Rotary Hammers
including DEWALT,
Bosch and Hilti.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com