Electronic Components Datasheet Search
  English  ▼

X  

DW1221 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # DW1221
Description  CONTENTS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DW1221 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button DW1221 Datasheet HTML 4Page - List of Unclassifed Manufacturers DW1221 Datasheet HTML 5Page - List of Unclassifed Manufacturers DW1221 Datasheet HTML 6Page - List of Unclassifed Manufacturers DW1221 Datasheet HTML 7Page - List of Unclassifed Manufacturers DW1221 Datasheet HTML 8Page - List of Unclassifed Manufacturers DW1221 Datasheet HTML 9Page - List of Unclassifed Manufacturers DW1221 Datasheet HTML 10Page - List of Unclassifed Manufacturers DW1221 Datasheet HTML 11Page - List of Unclassifed Manufacturers DW1221 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
HEAVY-DUTY ACCESSORIES
28
TITANIUM SPLIT POINT
DRILL BITS
CAT # QTY/CARD
DIAMETER
DRILLING OVERALL
Inches Decimal DEPTH
LENGTH
DW1304
1
1/16"
.0625
.88
1.88
DW1305
1
5/64"
.0781
1.00
2.00
DW1306
1
3/32"
.0938
1.25
2.25
DW1307
1
7/64"
.1094
1.50
2.62
DW1308
1
1/8"
.1250
1.62
2.75
DW1309
1
9/64"
.1406
1.75
2.88
DW1310
1
5/32"
.1562
2.00
3.12
DW1311
1
11/64"
.1719
2.12
3.25
DW1312
1
3/16"
.1875
2.31
3.50
CAT # QTY/CARD
DIAMETER
DRILLING OVERALL
Inches Decimal DEPTH
LENGTH
DW1313
1
13/64"
.2031
2.44
3.62
DW1314
1
7/32"
.2188
2.50
3.75
DW1315
1
15/64"
.2344
2.62
3.88
DW1316
1
1/4"
.2500
2.75
4.00
DW1320
1
5/16"
.3125
3.19
4.50
DW1324
1
3/8"
.3750
3.62
5.00
DW1328*
1
7/16"
.4375
4.06
5.50
DW1332*
1
1/2"
.5000
4.50
6.00
DW1363
13 Piece Set with
TOUGH CASE
TM
Container Contains:
(2) 1/16", 5/64", (2)
3/32", 7/64", (2) 1/8",
9/64", 5/32", 3/16",
7/32", 1/4"
HEAVY-DUTY
SPADE BITS
CAT #
DESCRIPTION
DW1570
1/4" x 6"
DW1571
5/16" x 6"
DW1572
3/8" x 6"
DW1573
7/16" x 6"
DW1574
1/2" x 6"
DW1575
9/16" x 6"
DW1576
5/8" x 6"
DW1577
11/16" x 6"
DW1578
3/4" x 6"
CAT #
DESCRIPTION
DW1579
13/16" x 6"
DW1580
7/8" x 6"
DW1581
15/16" x 6"
DW1582
1" x 6"
DW1583
1-1/8" x 6"
DW1584
1-1/4" x 6"
DW1585
1-3/8" x 6"
DW1586
1-1/2" x 6"
DW1590
3/8" x 16"
CAT #
DESCRIPTION
DW1591
1/2" x 16"
DW1592
5/8" x 16"
DW1593
3/4" x 16"
DW1594
7/8" x 16"
DW1595
1" x 16"
DW1587
6-Pc. Set
DW1588
6" Extension
DW1589
12" Extension
HEAVY-DUTY
SELF FEED BITS
CAT #
DESCRIPTION
DW1630
1"
DW1631
1-1/8"
DW1632
1-1/4"
DW1633
1-3/8"
DW1634
1-1/2"
DW1635
1-3/4"
DW1636
2"
DW1637
2-1/8"
DW1638
2-1/4"
CAT #
DESCRIPTION
DW1639
2-9/16"
DW1640
3"
DW1641
3-5/8"
DW1642
4-5/8"
DW1650 Replacement Parts (DW1630-DW1639)
DW1651 Replacement Parts (DW1640-DW1642)
DW1646
5-1/2" Extension
DW1647
12" Extension
DW1648
5 Piece Kit Contains: 1-3/8",
1-1/2", 2-1/8", 2-9/16", 5-1/2"
Extension
DW1649
8 Piece Kit Contains: 1", 1-1/8",
1-1/4", 1-1/2", 1-3/4", 2-1/8",
2-9/16", 5-1/2" Extension
POWER SHIP
AUGER BITS
CAT #
DIAMETER OVERALL
FLUTE
SHANK
LENGTH
LENGTH
Short
DW1665
5/8"
6"
4"
7/16" Hex
DW1666
11/16"
6"
4"
7/16" Hex
DW1667
3/4"
6"
4"
7/16" Hex
DW1668
13/16"
6"
4"
7/16" Hex
DW1669
7/8"
6"
4"
7/16" Hex
DW1670
15/16"
6"
4"
7/16" Hex
DW1671
1"
6"
4"
7/16" Hex
DW1672
1-1/16"
6"
4"
7/16" Hex
DW1673
1-1/8"
6"
4"
7/16" Hex
DW1674
1-1/4"
6"
4"
7/16" Hex
DW1675
1-3/8"
6"
4"
7/16" Hex
DW1676
1-1/2"
6"
4"
7/16" Hex
CAT #
DIAMETER OVERALL
FLUTE
SHANK
LENGTH
LENGTH
Long
DW1680
9/16"
17"
12"
7/16" Hex
DW1681
5/8"
17"
12"
7/16" Hex
DW1682
11/16"
17"
12"
7/16" Hex
DW1683
3/4"
17"
12"
7/16" Hex
DW1684
13/16"
17"
12"
7/16" Hex
DW1685
7/8"
17"
12"
7/16" Hex
DW1686
15/16"
17"
12"
7/16" Hex
DW1687
1"
17"
12"
7/16" Hex
DW1688
1-1/16"
17"
12"
7/16" Hex
DW1689
1-1/8"
17"
12"
7/16" Hex
DW1690
1-1/4"
17"
12"
7/16" Hex
DW1691
1-3/8"
17"
12"
7/16" Hex
DW1692
1-1/2"
17"
12"
7/16" Hex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com