Electronic Components Datasheet Search
  English  ▼

X  

LM4982 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4982
Description  Ground-Referenced, Ultra Low Noise, 80mW Stereo Headphone Amplifier with IntelliSense and I2C Volume
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4982 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button LM4982 Datasheet HTML 13Page - National Semiconductor (TI) LM4982 Datasheet HTML 14Page - National Semiconductor (TI) LM4982 Datasheet HTML 15Page - National Semiconductor (TI) LM4982 Datasheet HTML 16Page - National Semiconductor (TI) LM4982 Datasheet HTML 17Page - National Semiconductor (TI) LM4982 Datasheet HTML 18Page - National Semiconductor (TI) LM4982 Datasheet HTML 19Page - National Semiconductor (TI) LM4982 Datasheet HTML 20Page - National Semiconductor (TI) LM4982 Datasheet HTML 21Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
Revision History
Rev
Date
Description
1.0
7/19/05
First PDF.
1.1
7/26/05
Edited 20161401 (markings) and 20161459 (micro
SMD pkg drawing)
1.2
10/26/05
Text edits input. Also replaced 201614 61 with 66.
1.3
10/28/05
Texts edit.
1.4
11/01/05
Deleted PSRR (Stndby Mode) in the 3V EC table
(per Nisha).
1.5
11/03/05
Added the boards and few text edits
1.6
11/07/05
Few text edits.
1.7
01/23/06
Added the Typ Perf curves, boards, and text edits.
1.8
01/27/06
Fixed typos, edited 66, 01, and more of the curves.
1.9
2/09/06
Input few text edits. First WEB released.
www.national.com
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com