Electronic Components Datasheet Search
  English  ▼

X  

LM4982 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4982
Description  Ground-Referenced, Ultra Low Noise, 80mW Stereo Headphone Amplifier with IntelliSense and I2C Volume
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4982 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4982 Datasheet HTML 1Page - National Semiconductor (TI) LM4982 Datasheet HTML 2Page - National Semiconductor (TI) LM4982 Datasheet HTML 3Page - National Semiconductor (TI) LM4982 Datasheet HTML 4Page - National Semiconductor (TI) LM4982 Datasheet HTML 5Page - National Semiconductor (TI) LM4982 Datasheet HTML 6Page - National Semiconductor (TI) LM4982 Datasheet HTML 7Page - National Semiconductor (TI) LM4982 Datasheet HTML 8Page - National Semiconductor (TI) LM4982 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
LM4982
Ground-Referenced, Ultra Low Noise, 80mW Stereo
Headphone Amplifier with IntelliSense and I2C Volume
Control
General Description
The LM4982 is a ground referenced, variable gain audio
power amplifier capable of delivering 80mW of continuous
average power into a 16
Ω single-ended load with less than
1% THD+N from a 3V power supply. The I
2C volume control
allows +18 to -76 dB gain settings.
The LM4982 utilizes advanced charge pump technology to
generate the LM4982’s negative supply voltage. This elimi-
nates the need for output-coupling capacitors typically used
with single-ended loads.
IntelliSense is a new circuit technology that allows the
LM4982 to detect whether a mono or stereo headphone plug
has been inserted into the output jack.
Boomer audio power amplifiers were designed specifically to
provide high quality output power with a minimal amount of
external components. The LM4982 does not require output
coupling capacitors or bootstrap capacitors, and therefore is
ideally suited for mobile phone and other low voltage appli-
cations where minimal power consumption is a primary re-
quirement.
The LM4982 incorporates selectable low-power consump-
tion shutdown and channel select modes.
The LM4982 contains advanced pop & click circuitry that
eliminates noises which would otherwise occur during
turn-on and turn-off transitions.
Key Specifications
j Improved PSRR at 217Hz
66dB
j Stereo Output Power at VDD = 3V,
R
L =32
Ω, THD+N = 1%
51mW (typ)
j Shutdown current
0.1µA (typ)
Features
n
Ground referenced outputs
n
I
2C Volume and mode controls
n
Available in space-saving micro SMD package
n
Ultra low current shutdown mode
n
Advanced pop & click circuitry eliminates noises during
turn-on and turn-off transitions
n
1.6 – 4.0V operation
n
No output coupling capacitors, snubber networks,
bootstrap capacitors or gain-setting resistors required
n
Mono/Stereo headphone detect
Applications
n
Notebook PCs
n
Desktop PCs
n
Mobile Phones
n
PDAs
n
Portable electronic devices
n
MP3 Players
Boomer® is a registered trademark of National Semiconductor Corporation.
February 2006
© 2006 National Semiconductor Corporation
DS201614
www.national.com


Similar Part No. - LM4982

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4980 NSC-LM4980 Datasheet
1Mb / 20P
2 Cell Battery, 1mA, 42mW Per Channel High Fidelity Stereo Headphone Audio Amplifier for MP3 players
LM4980SD NSC-LM4980SD Datasheet
1Mb / 20P
2 Cell Battery, 1mA, 42mW Per Channel High Fidelity Stereo Headphone Audio Amplifier for MP3 players
LM4981 NSC-LM4981 Datasheet
1Mb / 18P
Ground-Referenced, 80mW Stereo Headphone Amplifier with Digital Volume Control
LM4981SQ NSC-LM4981SQ Datasheet
1Mb / 18P
Ground-Referenced, 80mW Stereo Headphone Amplifier with Digital Volume Control
LM4985 NSC-LM4985 Datasheet
1Mb / 29P
Stereo 135mW Low Noise Headphone Amplifier with Selectable Capacitively Coupled or Output Capacitor-less (OCL) Output and Digitally Controlled (I2C) V
More results

Similar Description - LM4982

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4981 NSC-LM4981 Datasheet
1Mb / 18P
Ground-Referenced, 80mW Stereo Headphone Amplifier with Digital Volume Control
LM4922 NSC-LM4922 Datasheet
1Mb / 21P
Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier
LM4920 NSC-LM4920 Datasheet
1Mb / 17P
Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier
LM4926 NSC-LM4926 Datasheet
1Mb / 22P
Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier
LM48822 NSC-LM48822 Datasheet
582Kb / 22P
Ground-Referenced, Ultra High PSRR, Ultra Low Noise, 35mW/Channel Stereo Headphone Amplifier with CommonMode Sense, and I2C Volume Control
LM48860 NSC-LM48860 Datasheet
423Kb / 18P
Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
LM48861 NSC-LM48861 Datasheet
355Kb / 16P
Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
logo
Texas Instruments
LM48861 TI1-LM48861_14 Datasheet
845Kb / 20P
Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
LM48860 TI1-LM48860 Datasheet
1,017Kb / 21P
Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
LM48861 TI1-LM48861 Datasheet
851Kb / 20P
Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com