Electronic Components Datasheet Search
  English  ▼

X  

LM4982 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4982
Description  Ground-Referenced, Ultra Low Noise, 80mW Stereo Headphone Amplifier with IntelliSense and I2C Volume
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4982 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM4982 Datasheet HTML 11Page - National Semiconductor (TI) LM4982 Datasheet HTML 12Page - National Semiconductor (TI) LM4982 Datasheet HTML 13Page - National Semiconductor (TI) LM4982 Datasheet HTML 14Page - National Semiconductor (TI) LM4982 Datasheet HTML 15Page - National Semiconductor (TI) LM4982 Datasheet HTML 16Page - National Semiconductor (TI) LM4982 Datasheet HTML 17Page - National Semiconductor (TI) LM4982 Datasheet HTML 18Page - National Semiconductor (TI) LM4982 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Application Information (Continued)
HP SENSE FUNCTION
Connecting headphones to the headphone jack disconnects
the headphone jack contact pin from OUT_L and allows Rpu
to pull the HP Sense pin up to V
DD. This enables the device.
A microprocessor or a switch can replace the headphone
jack contact pin.
Shutdown
(Bit CD0)
HPS pin
Operational Mode
Logic High
Logic Low
Standby Mode
Logic High
Logic High
Full Power Mode
Logic Low
Logic Low
Micro-Power Shutdown
Logic Low
Logic High
Micro-Power Shutdown
INTELLISENSE
National’s Intellisense technology allows the LM4982 to de-
tect whether a mono or stereo headphone has been inster-
ted in to the headphone jack. If a mono headphone is
inserted into a device that is designed for a stereo head-
phone, one of the amplifiers will be shorted to ground. With-
out Intellisense, this may damage the device or, best case,
the device will draw excessive current, shortening battery
life.
Intellisense works by first waiting for one of the following
events:
• When the device powers up, if a headphone is already
inserted
• When a headphone is inserted, if the device is already
powered up
• After the thermal shutdown circuitry is activated.
The occurrence of one of these events triggers the Intel-
lisense circuitry to apply a small voltage on both left and right
outputs and sense the resulting current through the load. If
the load connected to the amplifier is greater than 9
Ω, the
amplifier driving it will be in full power mode. If the load is
less than 3
Ω, the LM4982 will assume a short to ground and
shutdown the driving amplifier. Intellisense puts the LM4982
in mono mode when the right channel is shorted. For extra
protection both amplifiers will be shutdown when the left
channel is shorted to ground. The Intellisense feature can be
enabled and disabled through an I2C command.
This Intellisense feature is designed for headphones with a
nominal impedance of 16
Ω or greater, using lower imped-
ance loads may cause this feature to operate incorrectly.
MONO/STEREO OPERATION
When Intellisense is disabled the value of the CD1 bit of the
mode control determines if the LM4982 is in mono or stereo
mode. When the LM4982 is in mono mode the left and right
input signals are mixed to the left channel amplifier and
attenuated by -6dB. The right channel amplifier is put in
shutdown to save power. The mixing function allows full
reproduction of a stereo input signal in a mono headphone
and optimum headroom is kept by attenuating by a factor of
two.
I
2C COMPATIBLE INTERFACE
The LM4982 uses a serial bus, which conforms to the I
2C
protocol, to control the chip’s functions with two wires: clock
(SCL) and data (SDA). The clock line is uni-directional. The
data line is bi-directional (open-collector). The maximum
clock frequency specified by the I
2C standard is 400kHz. In
this discussion, the master is the controlling microcontroller
and the slave is the LM4982.
The bus format for the I
2C interface is shown in Figure 2. The
bus format diagram is broken up into six major sections:
The "start" signal is generated by lowering the data signal
while the clock signal is high. The start signal will alert all
devices attached to the I
2C bus to check the incoming ad-
dress against their own address.
The 8-bit chip address is sent next, most significant bit first.
The data is latched in on the rising edge of the clock. Each
address bit must be stable while the clock level is high.
After the last bit of the address bit is sent, the master
releases the data line high (through a pull-up resistor). Then
the master sends an acknowledge clock pulse. If the
LM4982 has received the address correctly, then it holds the
data line low during the clock pulse. If the data line is not
held low during the acknowledge clock pulse, then the mas-
ter should abort the rest of the data transfer to the LM4982.
The 8 bits of data are sent next, most significant bit first.
Each data bit should be valid while the clock level is stable
high.
After the data byte is sent, the master must check for another
acknowledge to see if the LM4982 received the data.
If the master has more data bytes to send to the LM4982,
then the master can repeat the previous two steps until all
data bytes have been sent.
The "stop" signal ends the transfer. To signal "stop", the data
signal goes high while the clock signal is high. The data line
should be held high when not in use.
201614A1
FIGURE 4.
20161460
FIGURE 5.
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com