Electronic Components Datasheet Search
  English  ▼

X  

LM4982 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4982
Description  Ground-Referenced, Ultra Low Noise, 80mW Stereo Headphone Amplifier with IntelliSense and I2C Volume
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4982 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM4982 Datasheet HTML 13Page - National Semiconductor (TI) LM4982 Datasheet HTML 14Page - National Semiconductor (TI) LM4982 Datasheet HTML 15Page - National Semiconductor (TI) LM4982 Datasheet HTML 16Page - National Semiconductor (TI) LM4982 Datasheet HTML 17Page - National Semiconductor (TI) LM4982 Datasheet HTML 18Page - National Semiconductor (TI) LM4982 Datasheet HTML 19Page - National Semiconductor (TI) LM4982 Datasheet HTML 20Page - National Semiconductor (TI) LM4982 Datasheet HTML 21Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
Application Information (Continued)
Thus, pops can be minimized by selecting an input capacitor
value that is no higher than necessary to meet the desired
−3dB frequency.
As shown in Figure 1, the internal input resistor, R
i and the
input capacitor, C
i, produce a -3dB high pass filter cutoff
frequency that is found using Equation (3). Conventional
headphone amplifiers require output capacitors; Equation (3)
can be used, along with the value of R
L, to determine to-
wards the value of output capacitor needed to produce a
–3dB high pass filter cutoff frequency.
f
i-3dB =1/2
πR
iCi
(3)
Also, careful consideration must be taken in selecting a
certain type of capacitor to be used in the system. Different
types of capacitors (tantalum, electrolytic, ceramic) have
unique performance characteristics and may affect overall
system performance. (See the section entitled Charge Pump
Capacitor Selection.)
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com