Electronic Components Datasheet Search
  English  ▼

X  

IR1167ASPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IR1167ASPBF
Description  SmartRectifier CONTROL IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR1167ASPBF Datasheet(HTML) 4 Page - International Rectifier

  IR1167ASPBF Datasheet HTML 1Page - International Rectifier IR1167ASPBF Datasheet HTML 2Page - International Rectifier IR1167ASPBF Datasheet HTML 3Page - International Rectifier IR1167ASPBF Datasheet HTML 4Page - International Rectifier IR1167ASPBF Datasheet HTML 5Page - International Rectifier IR1167ASPBF Datasheet HTML 6Page - International Rectifier IR1167ASPBF Datasheet HTML 7Page - International Rectifier IR1167ASPBF Datasheet HTML 8Page - International Rectifier IR1167ASPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
IR1167AS/BS
PRELIMINARY
www.irf.com
4
STATE AND TRANSITIONS DIAGRAM
POWER ON
Gate Inactive
UVLO MODE
VCC < VCCon
Gate Inactive
ICC max = 200uA
NORMAL
Gate Active
VCC > VCCon
and
ENABLE HIGH
VCC < VCCuvlo
or
ENABLE LOW
** Guaranteed by Design
Gate Driver Section
Parameters
Symbol Min.
Typ.
Max.
Units
Gate Low Voltage
VGLO
0.3
0.5
V
Gate High Voltage
VGTH
9.5
10.7
12.5
V
Gate High Voltage
VGTH
12.5
14.5
16.5
V
Rise Time
tr1
30
ns
tr2
180
ns
Fall Time
tf1
10
ns
tf2
30
ns
Turn on Propagation Delay
tDon
60
80
ns
Turn off Propagation Delay
tDoff
40
60
ns
Pull up Resistance
rup
4
Ω
Pull down Resistance
rdown
0.7
Ω
Output Peak Current (source)
IOsource
2A
Output Peak Current (sink)
IO sink
7A
IR1167A - VCC=12V-18V (internally clamped)
Remarks
IGATE = 200mA
IGATE = -200mA
IR1167B - VCC=12V-18V (internally clamped)
CLOAD = 1nF, VCC=12V
CLOAD = 1nF, VCC=12V
CLOAD = 10nF, VCC=12V
CLOAD = 10nF, VCC=12V
CLOAD = 10nF - GBD
CLOAD = 10nF - GBD
VDS to VGATE -100mV overdrive
VDS to VGATE -100mV overdrive
IGATE = 1A - GBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com