Electronic Components Datasheet Search
  English  ▼

X  

IR1167ASPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IR1167ASPBF
Description  SmartRectifier CONTROL IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR1167ASPBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IR1167ASPBF Datasheet HTML 2Page - International Rectifier IR1167ASPBF Datasheet HTML 3Page - International Rectifier IR1167ASPBF Datasheet HTML 4Page - International Rectifier IR1167ASPBF Datasheet HTML 5Page - International Rectifier IR1167ASPBF Datasheet HTML 6Page - International Rectifier IR1167ASPBF Datasheet HTML 7Page - International Rectifier IR1167ASPBF Datasheet HTML 8Page - International Rectifier IR1167ASPBF Datasheet HTML 9Page - International Rectifier IR1167ASPBF Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
IR1167AS/BS
PRELIMINARY
www.irf.com
6
GND: Ground
This is ground potential pin of the integrated control
circuit. The internal devices and gate driver are
referenced to this point.
MOT: Minimum On Time
The MOT programming pin controls the amount of
minimum on time. Once VTH2 is crossed for the first
time, the gate signal will become active and turn on
the power FET. Spurious ringings and oscillations can
trigger the input comparator off. The MOT blanks the
input comparator keeping the FET on for a minimum
time.
The MOT is programmed between 200ns and 3us
(typ.) by using a resistor referenced to GND.
OVT: Offset Voltage Trimming
The OVT pin will program the amount of input offset
voltage for the turn-off threshold VTH1.
The pin can be optionally tied to ground, to VCC or
left floating, to select 3 ranges of input offset trimming.
This programming feature allows for accomodating
different RDSon MOSFETs.
GATE: Gate Drive Output
This is the gate drive output of the IC. Drive voltage
is internally limited and provides 2A peak source and
5A peak sink capability. Although this pin can be
directly connected to the power MOSFET gate, the
use of minimal gate resistor is recommended,
expecially when putting multiple FETs in parallel.
Care must be taken in order to keep the gate loop as
short and as small as possible in order to achieve
optimal switching performance.
VS: Source Voltage Sense
VS is the differential sense pin for the power MOSFET
Source. This pin must not be connected directly to
the power ground pin (7) but must be used to create a
kelvin contact as close as possible to the power
MOSFET source pin.
VD: Drain Voltage Sense
VD is the voltage sense pin for the power MOSFET
Drain. This is a high voltage pin and particular care
must be taken in properly routing the connection to
the power MOSFET drain.
Additional filtering and or current limiting on this pin is
not recommended as it would limit switching perfor-
mance of the IC.
VCC: Power Supply
This is the supply voltage pin of the IC and it is
monitored by the under voltage lockout circuit. It is
possible to turn off the IC by pulling this pin below the
minimum turn off threshold voltage, without damage
to the IC.
To prevent noise problems, a bypass ceramic
capacitor connected to Vcc and GND should be placed
as close as possible to the IR1167S.
This pin is internally clamped.
EN: Enable
This pin is used to activate the IC “sleep” mode by
pulling the voltage level below 2.5V (typ). In sleep
mode the IC will consume a minimum amount of cur-
rent. However all switching functions will be disabled
and the gate will be inactive.
Detailed Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com