Electronic Components Datasheet Search
  English  ▼

X  

IR1167ASPBF Datasheet(PDF) 10 Page - International Rectifier

Part # IR1167ASPBF
Description  SmartRectifier CONTROL IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR1167ASPBF Datasheet(HTML) 10 Page - International Rectifier

Back Button IR1167ASPBF Datasheet HTML 6Page - International Rectifier IR1167ASPBF Datasheet HTML 7Page - International Rectifier IR1167ASPBF Datasheet HTML 8Page - International Rectifier IR1167ASPBF Datasheet HTML 9Page - International Rectifier IR1167ASPBF Datasheet HTML 10Page - International Rectifier IR1167ASPBF Datasheet HTML 11Page - International Rectifier IR1167ASPBF Datasheet HTML 12Page - International Rectifier IR1167ASPBF Datasheet HTML 13Page - International Rectifier IR1167ASPBF Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
IR1167AS/BS
PRELIMINARY
www.irf.com
10
Fig 2. Under Voltage Lockout
vs. Temp.
Fig 1. Supply Current vs. Supply Voltage
Fig 3. VTH1 vs. Temp.
Fig 4. VTH2 vs. Temp.
-50
0
50
100
150
Temperature ( °C )
8
9
10
11
VCC ON
VCC UVLO
5
10
15
20
Supply Voltage (V)
0.01
0.1
1
10
-50
0
50
100
150
Temperature ( °C )
-30
-25
-20
-15
-10
-5
0
OVT = GND
OVT = Floating
OVT = VCC
-50
0
50
100
150
Temperature ( °C )
-150
-100
-50
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com