Electronic Components Datasheet Search
  English  ▼

X  

IR1167ASPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IR1167ASPBF
Description  SmartRectifier CONTROL IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR1167ASPBF Datasheet(HTML) 1 Page - International Rectifier

  IR1167ASPBF Datasheet HTML 1Page - International Rectifier IR1167ASPBF Datasheet HTML 2Page - International Rectifier IR1167ASPBF Datasheet HTML 3Page - International Rectifier IR1167ASPBF Datasheet HTML 4Page - International Rectifier IR1167ASPBF Datasheet HTML 5Page - International Rectifier IR1167ASPBF Datasheet HTML 6Page - International Rectifier IR1167ASPBF Datasheet HTML 7Page - International Rectifier IR1167ASPBF Datasheet HTML 8Page - International Rectifier IR1167ASPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
*Please note that this data sheet contains advanced information that could change before the product is released to production.
Features
• Secondary side high speed SR controller
• DCM, CrCM and CCM flyback topologies
• 200V proprietary IC technology
• Max 500KHz switching frequency
• Anti-bounce logic and UVLO protection
• 7A peak turn off drive current
• Micropower start-up & ultra low quiescent current
• 10.7/14.5V gate drive clamp
SmartRectifierTM CONTROL IC
IR1167ASPbF
IR1167BSPbF
www.irf.com
1
IR1167 Application Diagram
Data Sheet PD60254A
Description
IR1167S is a smart secondary side driver IC designed to drive N-Channel power MOSFETs
used as synchronous rectifiers in isolated Flyback converters.
The IC can control one or more paralleled N-MOSFETs to emulate the behavior of Schottky
diode rectifiers. The drain to source voltage is sensed differentially to determine the polarity
of the current and turn the power switch on and off in proximity of the zero current transi-
tion.
Ruggedness and noise immunity are accomplished using an advanced blanking scheme
and double-pulse suppression which allow reliable operation in continuous, discontinuous
and critical current mode operation and both fixed and variable frequency modes.
Package
8-Lead SOIC
• 50ns turn-off propagation delay
• Vcc range from 11.3V to 20V
• Direct sensing of MOSFET drain voltage
• Minimal component count
• Simple design
• Lead-free
• Compatible with 1W Standby, Energy Star, CECP, etc.
RMOT
Cdc
Rg
VD
5
VS
6
MOT
3
OVT
2
EN
4
GND
7
VGATE
8
VCC
1
U1
IR1167S
Q1
XFM
Co
Rdc
Vin
Rtn
Ci
Rs
Cs
PRELIMINARY


Similar Part No. - IR1167ASPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR1167ASPBF IRF-IR1167ASPBF Datasheet
350Kb / 16P
SmartRectifierTM CONTROL IC
IR1167ASPBF IRF-IR1167ASPBF_09 Datasheet
350Kb / 16P
SmartRectifierTM CONTROL IC
More results

Similar Description - IR1167ASPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2156 IRF-IR2156 Datasheet
497Kb / 24P
BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7532 FAIRCHILD-FAN7532 Datasheet
252Kb / 16P
Ballast Control IC
logo
Siemens Semiconductor G...
TCA785 SIEMENS-TCA785_05 Datasheet
466Kb / 16P
Phase Control IC
logo
International Rectifier
IR1167ASPBF IRF-IR1167ASPBF_09 Datasheet
350Kb / 16P
SmartRectifierTM CONTROL IC
IR1166SPBF IRF-IR1166SPBF_09 Datasheet
512Kb / 16P
SmartRectifier CONTROL IC Secondary side high speed SR controller
IR1169S IRF-IR1169S Datasheet
355Kb / 27P
ADVANCED SMARTRECTIFIER CONTROL IC
IR11682S IRF-IR11682S_11 Datasheet
381Kb / 22P
DUAL SmartRectifier DRIVER IC 200V proprietary IC technology
logo
Infineon Technologies A...
IR1161LPBF INFINEON-IR1161LPBF_16 Datasheet
416Kb / 26P
SmartRectifier
2016-07-01
logo
International Rectifier
IR1166SPBF IRF-IR1166SPBF Datasheet
275Kb / 15P
SMARTRECTIFIER CONTROL IC
logo
Shindengen Electric Mfg...
MS1003SH SHINDENGEN-MS1003SH Datasheet
1Mb / 41P
Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com