Electronic Components Datasheet Search
  English  ▼

X  

RGC Datasheet(PDF) 2 Page - Stackpole Electronics, Inc.

Part # RGC
Description  Semi-Precision Thick Film Chip Resistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RGC Datasheet(HTML) 2 Page - Stackpole Electronics, Inc.

  RGC Datasheet HTML 1Page - Stackpole Electronics, Inc. RGC Datasheet HTML 2Page - Stackpole Electronics, Inc. RGC Datasheet HTML 3Page - Stackpole Electronics, Inc. RGC Datasheet HTML 4Page - Stackpole Electronics, Inc. RGC Datasheet HTML 5Page - Stackpole Electronics, Inc. RGC Datasheet HTML 6Page - Stackpole Electronics, Inc. RGC Datasheet HTML 7Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Rev Date: 04/22/2020
2
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RGC Series
Semi-Precision Thick Film Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Performance Characteristics
Mechanical Specifications (cont.)
0.039 ± 0.004
0.020 ± 0.002
0.012 ± 0.004
0.008 ± 0.004
0.010 ± 0.006
inches
1.00 ± 0.10
0.50 ± 0.05
0.30 ± 0.10
0.20 ± 0.10
0.25 ± 0.15
mm
0.063 ± 0.004
0.031 ± 0.004
0.018 ± 0.004
0.012 ± 0.008
0.012 ± 0.008
inches
1.60 ± 0.10
0.80 ± 0.10
0.45 ± 0.10
0.30 ± 0.20
0.30 ± 0.20
mm
0.079 ± 0.004
0.049 ± 0.004
0.020 ± 0.004
0.016 ± 0.010
0.016 ± 0.008
inches
2.00 ± 0.10
1.25 ± 0.10
0.50 ± 0.10
0.40 ± 0.25
0.40 ± 0.20
mm
0.122 ± 0.006
0.061 ± 0.004
0.024 ± 0.006
0.020 ± 0.010
0.020 ± 0.012
inches
3.10 ± 0.15
1.55 ± 0.10
0.60 ± 0.15
0.50 ± 0.25
0.50 ± 0.30
mm
0.126 ± 0.010
0.102 ± 0.006
0.022 ± 0.004
0.020 ± 0.010
0.020 ± 0.008
inches
3.20 ± 0.25
2.60 ± 0.15
0.55 ± 0.10
0.50 ± 0.25
0.50 ± 0.20
mm
0.197 ± 0.008
0.098 ± 0.006
0.022 ± 0.004
0.024 ± 0.010
0.024 ± 0.012
inches
5.00 ± 0.20
2.50 ± 0.15
0.55 ± 0.10
0.60 ± 0.25
0.60 ± 0.30
mm
0.250 ± 0.008
0.124 ± 0.008
0.022 ± 0.004
0.024 ± 0.010
0.024 ± 0.012
inches
6.35 ± 0.20
3.15 ± 0.20
0.55 ± 0.10
0.60 ± 0.25
0.60 ± 0.30
mm
39.448
2.042
4.368
8.947
15.959
24.241
Weight (g)
(1000 pc.)
L
RGC2512
RGC1210
RGC2010
RGC0603
RGC1206
RGC0402
RGC0805
Type / Code
0.620
W
H
a
b
Unit
Body Length
Body Width
Body Height
Top Termination
Bottom Termination
Test Specification
± 1% and below
JIS-C-5201-1 4.8
IEC-60115-1 4.8
-55°C +125°C, 25°C is the reference temperature
JIS-C-5201-1 4.13
IEC-60115-1 4.13
JIS-C-5201-1 4.6
IEC-60115-1 4.6
Max. overload voltage for 1 minute
JIS-C-5201-1 4.25
IEC-60115-1 4.25.1
JIS-C-5201-1 4.24
IEC-60115-1 4.24
JIS-C-5201-1 4.23
IEC-60115-1 4.23.2
at +125 / +155°C for 1000 hours
JIS-C-5201-1 4.33
IEC-60115-1 4.33
Bending once for 5 seconds
2010, 2512 sizes: 2 mm; other sizes: 3 mm
JIS-C-5201-1 4.17
IEC-60115-1 4.17
245 ± 5°C for 3 seconds
JIS-C-5201-1 4.18
IEC-60115-1 4.18
260 ± 5°C for 10 seconds
JIS-C-5201-1 4.7
IEC-60115-1 4.7
1.42 times max. operating voltage for 1 minute
Insulation resistance
Endurance
±(1% + 0.1Ω)
40 ± 2°C, 90 ~ 95% R.H., RCWV for 1000 hours
with 1.5 hour "ON" and 0.5 hour "OFF"
Damp Heat with Load
70 ± 2°C, RCWV for 1000 hours with 1.5 hours
"ON" and 0.5 hour "OFF"
±(1% + 0.1Ω)
Dry Heat
≥ 10G
±(1% + 0.05Ω)
Bending Strength
±(1% + 0.05Ω)
Test
Test Method
Temperature Coefficient of
Resistance
RCWV*2.5 or max. overload voltage whichever
is lower for 5 seconds;
2 seconds for high power series
±(1% + 0.05Ω)
Short Time Overload
As specified.
Solderability
Resistance to Soldering Heat
±(0.5% + 0.05Ω)
Voltage Proof
No breakdown or flashover
95% minimum coverage



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com