Electronic Components Datasheet Search
  English  ▼

X  

RGC Datasheet(PDF) 3 Page - Stackpole Electronics, Inc.

Part # RGC
Description  Semi-Precision Thick Film Chip Resistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RGC Datasheet(HTML) 3 Page - Stackpole Electronics, Inc.

  RGC Datasheet HTML 1Page - Stackpole Electronics, Inc. RGC Datasheet HTML 2Page - Stackpole Electronics, Inc. RGC Datasheet HTML 3Page - Stackpole Electronics, Inc. RGC Datasheet HTML 4Page - Stackpole Electronics, Inc. RGC Datasheet HTML 5Page - Stackpole Electronics, Inc. RGC Datasheet HTML 6Page - Stackpole Electronics, Inc. RGC Datasheet HTML 7Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Rev Date: 04/22/2020
3
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RGC Series
Semi-Precision Thick Film Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Power Derating Chart:
Recommended Pad Layout
Performance Characteristics (cont.)
Type / Code
a
b
c
Unit
0.012
0.010
0.012
inches
0.30
0.25
0.30
mm
0.020
0.018
0.024
inches
0.50
0.45
0.60
mm
0.035
0.024
0.035
inches
0.90
0.60
0.90
mm
0.047
0.028
0.051
inches
1.20
0.70
1.30
mm
0.079
0.035
0.063
inches
2.00
0.90
1.60
mm
RGC0201
RGC0402
RGC0603
RGC0805
RGC1206
Test Specification
± 1% and below
Individual leaching area
≤ 5%
JIS-C-5201-1 4.18
Total leaching area
≤ 10%
IEC-60068-2-58 8.2.1
260 ± 5°C for 30 seconds
JIS-C-5201-1 4.19
IEC-60115-1 4.19
-55°C to +125 / +155°C, 5 cycles
RCWV (Rated Continuous Working Voltage) =
or max. operating voltage whichever is lower
Storage temperature: 25 ± 3ºC; humidity < 80% RH
Operating temperature range for 0201 is -55°C to +125°C
Operating temperature range for 0402 - 2512 is -55°C to 155°C
±(0.5% + 0.05Ω)
Rapid Change of Temperature
Leaching
Test
Test Method
√ P*R



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com