Electronic Components Datasheet Search
  English  ▼

X  

RGC Datasheet(PDF) 4 Page - Stackpole Electronics, Inc.

Part # RGC
Description  Semi-Precision Thick Film Chip Resistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RGC Datasheet(HTML) 4 Page - Stackpole Electronics, Inc.

  RGC Datasheet HTML 1Page - Stackpole Electronics, Inc. RGC Datasheet HTML 2Page - Stackpole Electronics, Inc. RGC Datasheet HTML 3Page - Stackpole Electronics, Inc. RGC Datasheet HTML 4Page - Stackpole Electronics, Inc. RGC Datasheet HTML 5Page - Stackpole Electronics, Inc. RGC Datasheet HTML 6Page - Stackpole Electronics, Inc. RGC Datasheet HTML 7Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Rev Date: 04/22/2020
4
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RGC Series
Semi-Precision Thick Film Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Soldering Profiles
(1) Time of IR reflow soldering at maximum temperature point 260ºC : 10 seconds
(2) Time of wave soldering at maximum temperature point 260ºC : 10 seconds
(3) Time of soldering iron at maximum temperature point 410ºC : 5 seconds
Packaging Specifications
RGC0201
RGC0402
RGC0603
7.028 ± 0.059
2.362 ± 0.039
0.512 ± 0.008
0.354 ± 0.020
0.492 ± 0.020
inches
RGC0805
178.50 ± 1.50
60.00 ± 1.00
13.00 ± 0.20
9.00 ± 0.50
12.50 ± 0.50
mm
RGC1206
RGC1210
RGC2010
7.028 ± 0.059
2.362 ± 0.039
0.512 ± 0.020
0.512 ± 0.020
0.610 ± 0.020
inches
RGC2512
178.50 ± 1.50
60.00 ± 1.00
13.00 ± 0.50
13.00 ± 0.50
15.50 ± 0.50
mm
Embossed
12mm
7 inches
Unit
Tape
Width
Reel
Diameter
Paper
8mm
7 inches
C
B
Type / Code
Packaging
Description
A
W
T
Recommended Pad Layout (cont.)
Type / Code
a
b
c
Unit
0.079
0.035
0.110
inches
2.00
0.90
2.80
mm
0.150
0.035
0.110
inches
3.80
0.90
2.80
mm
0.193
0.063
0.138
inches
4.90
1.60
3.50
mm
RGC2512
RGC2010
RGC1210



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com