Electronic Components Datasheet Search
  English  ▼

X  

RGC Datasheet(PDF) 7 Page - Stackpole Electronics, Inc.

Part # RGC
Description  Semi-Precision Thick Film Chip Resistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RGC Datasheet(HTML) 7 Page - Stackpole Electronics, Inc.

  RGC Datasheet HTML 1Page - Stackpole Electronics, Inc. RGC Datasheet HTML 2Page - Stackpole Electronics, Inc. RGC Datasheet HTML 3Page - Stackpole Electronics, Inc. RGC Datasheet HTML 4Page - Stackpole Electronics, Inc. RGC Datasheet HTML 5Page - Stackpole Electronics, Inc. RGC Datasheet HTML 6Page - Stackpole Electronics, Inc. RGC Datasheet HTML 7Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Rev Date: 04/22/2020
7
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RGC Series
Semi-Precision Thick Film Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
1
2
3
4
5
6
7
8
9
10
11
12
13
14
R
G
C
0
6
0
3
F
T
C
4
K
7
0
How to Order
Resistance Value
Size
W
Code
Tol
Value
Code
Description
Size
Quantity
Code ppm
0201
0.05
B
0.1%
0201, 0402
10000
C
50
0402
0.063
D
0.5%
0603, 0805
D
100
0603
0.1
F
1%
1206, 1210
L
200
100 ohm = 100R
0805
0.125
10.5 Kohm = 10K5
1206
0.25
1 Mohm = 1M00
1210
0.25
1210
0.33
2010
0.75
2512
1
Size
7" Reel
Paper Tape
T
5000
(*) RGC2010F 1Ω to 9.76Ω MOQ is 12000
7" Reel
Plastic Tape
2010(*)
2512
4000
Packaging
Tolerance
RGC
Semi-Precision
Thick Film
Product Series
TCR
E24, E96
Four characters with the
multiplier used as the
decimal holder.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com