Electronic Components Datasheet Search
  English  ▼

X  

TCED4100 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TCED4100
Description  Optocoupler, Photodarlington Output, Dual Channel, High Gain
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCED4100 Datasheet(HTML) 4 Page - Vishay Siliconix

  TCED4100 Datasheet HTML 1Page - Vishay Siliconix TCED4100 Datasheet HTML 2Page - Vishay Siliconix TCED4100 Datasheet HTML 3Page - Vishay Siliconix TCED4100 Datasheet HTML 4Page - Vishay Siliconix TCED4100 Datasheet HTML 5Page - Vishay Siliconix TCED4100 Datasheet HTML 6Page - Vishay Siliconix TCED4100 Datasheet HTML 7Page - Vishay Siliconix TCED4100 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Document Number: 83728
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.6, 16-May-08
807
TCED2100/TCED4100
Optocoupler, Photodarlington Output,
Dual Channel, High Gain
Vishay Semiconductors
Fig. 3 - Test Circuit, Non-Saturated Operation
Fig. 4 - Switching Times
TYPICAL CHARACTERISTICS
Tamb = 25 °C, unless otherwise specified
Fig. 5 - Forward Voltage vs. Ambient Temperature
Fig. 6 - Forward Current vs. Forward Voltage
Fig. 7 - Relative Current Transfer Ratio vs. Ambient Temperature
Fig. 8 - Collector Dark Current vs. Ambient Temperature
R L
50
Ω
Channel II
Channel I
IC = 10 mA
+ V CC
IF
IF
0
R G = 50 Ω
tp
tp = 50 s
T
= 0.01
Oscilloscope
R I = 1 MΩ
C I = 20 pF
14779
t p
t
t
0
0
10 %
90 %
100 %
t r
t d
t on
t s
t f
t off
I F
IC
tp
Pulse duration
td
Delay time
tr
Rise time
ton (= td + tr)
Turn-on time
ts
Storage time
t f
Fall time
t
off (= ts + tf)Turn-off time
96 11698
0.8
0.9
1.0
1.1
1.2
1.3
0
204060
80100
Tamb- Ambient Temperature (°C)
14389
IF = 10 mA
0.1
1
10
100
1000
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
VF - Forward Voltage (V)
14390
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
- 30 - 20 - 10 0 10 20 30 40 50 60 70 80 90 100
Tamb - Ambient Temperature (°C)
14391
VCE = 5 V
IF = 1 mA
1
10
100
1000
10 000
100 000
20
30
40
50
60
70
80
90
100
Tamb - Ambient Temperature (°C)
14392
VCE = 10 V
IF = 0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com