Electronic Components Datasheet Search
  English  ▼

X  

TCED4100 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TCED4100
Description  Optocoupler, Photodarlington Output, Dual Channel, High Gain
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCED4100 Datasheet(HTML) 5 Page - Vishay Siliconix

  TCED4100 Datasheet HTML 1Page - Vishay Siliconix TCED4100 Datasheet HTML 2Page - Vishay Siliconix TCED4100 Datasheet HTML 3Page - Vishay Siliconix TCED4100 Datasheet HTML 4Page - Vishay Siliconix TCED4100 Datasheet HTML 5Page - Vishay Siliconix TCED4100 Datasheet HTML 6Page - Vishay Siliconix TCED4100 Datasheet HTML 7Page - Vishay Siliconix TCED4100 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83728
808
Rev. 1.6, 16-May-08
TCED2100/TCED4100
Vishay Semiconductors
Optocoupler, Photodarlington Output,
Dual Channel, High Gain
Fig. 9 - Collector Current vs. Forward Current
Fig. 10 - Collector Current vs. Collector Emitter Voltage
Fig. 11 - Collector Emitter Saturation Voltage vs. Collector Current
Fig. 12 - Current Transfer Ratio vs. Forward Current
0.1
1
10
100
1000
0.1
1
10
100
IF - Forward Current (mA)
14393
VCE = 2 V
0.1
1
10
100
0.1
1
10
100
VCE - Collector Emitter Voltage (V)
14394
1 mA
0.5 mA
0.2 mA
0.1 mA
I
F = 2 mA
0.6
0.7
0.8
0.9
1.0
1.1
110
100
IC - Collector Current (mA)
14395
CTR = 200 % used
25 %
50 %
100 %
10
100
1000
10 000
0.1
1
10
100
IF - Forward Current (mA)
14396
V
CE = 2 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com