Electronic Components Datasheet Search
  English  ▼

X  

TCED4100 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TCED4100
Description  Optocoupler, Photodarlington Output, Dual Channel, High Gain
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCED4100 Datasheet(HTML) 1 Page - Vishay Siliconix

  TCED4100 Datasheet HTML 1Page - Vishay Siliconix TCED4100 Datasheet HTML 2Page - Vishay Siliconix TCED4100 Datasheet HTML 3Page - Vishay Siliconix TCED4100 Datasheet HTML 4Page - Vishay Siliconix TCED4100 Datasheet HTML 5Page - Vishay Siliconix TCED4100 Datasheet HTML 6Page - Vishay Siliconix TCED4100 Datasheet HTML 7Page - Vishay Siliconix TCED4100 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Optocoupler, Photodarlington Output,
Dual Channel, High Gain
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83728
804
Rev. 1.6, 16-May-08
TCED2100/TCED4100
Vishay Semiconductors
DESCRIPTION
The TCED2100/TCED4100 consists of a phototransistor
optically coupled to a gallium arsenide infrared-emitting
diode in a 8-pin (dual) or 16-pin (quad) plastic dual inline
package.
The elements are mounted on one leadframe providing a
fixed distance between input and output for highest safety
requirements.
VDE STANDARDS
These couplers perform safety functions according to the
following equipment standards:
• DIN EN 60747-5-5
Optocoupler for electrical safety requirements
• IEC 60950/EN 60950
Office machines (applied for reinforced isolation for mains
voltage
≤ 400 V
RMS)
• VDE 0804
Telecommunication apparatus and data processing
• IEC 60065
Safety
for
mains-operated
electronic
and
related
household apparatus
FEATURES
• Isolation materials according to UL94-VO
• Pollution degree 2 (DIN/VDE 0110/resp. IEC
60664)
• Climatic classification 55/100/21 (IEC 60068
part 1)
• Special
construction:
therefore,
extra
low
coupling capacity of typical 0.2 pF, high common
mode rejection
• Low temperature coefficient of CTR
• Creepage current resistance according to VDE 0303/
IEC 60112 comparative tracking index: CTI
≥ 175
• Rated
impulse
voltage
(transient
overvoltage)
VIOTM = 8 kV peak
• Isolation test voltage (partial discharge test voltage)
Vpd = 1.6 kV peak
• Rated
isolation
voltage
(RMS
includes
DC)
VIOWM = 600 VRMS
• Rated
recurring
peak
voltage
(repetitive)
VIORM = 848 V peak
• Thickness though insulation
≥ 0.75 mm
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC and
WEEE 2002/96/EC
APPLICATIONS
• Switch-mode power supplies
• Line receiver
• Computer peripheral interface
• Microprocessor system interface
• Circuits for safe protective separation against electrical
shock according to safety class II (reinforced isolation):
- for appl. class I - IV at mains voltage
≤ 300 V
- for appl. class I - III at mains voltage
≤ 600 V
according to DIN EN 60747-5-5.
AGENCY APPROVALS
• UL1577, file no. E76222 system code U, double protection
• CSA 22.2 bulletin 5A, double protection
• DIN EN 60747-5-5
• BSI IEC 60950; IEC 60065
•FIMKO
17200
CE
AC
8 PIN
16 PIN
1
V
DE
C
ORDER INFORMATION
PART
REMARKS
TCED2100
CTR
≥ 600 %, DIP-8
TCED4100
CTR
≥ 600 %, DIP-16


Similar Part No. - TCED4100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCED4100 VISHAY-TCED4100 Datasheet
207Kb / 9P
Optocoupler with Photodarlington Output
11-Jan-99
More results

Similar Description - TCED4100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL55B VISHAY-IL55B Datasheet
115Kb / 6P
Optocoupler, Photodarlington Output, High Gain
26-Oct-04
IL755 VISHAY-IL755 Datasheet
137Kb / 7P
Optocoupler, Photodarlington Output, AC Input, High Gain (Single, Dual Channel)
26-Oct-04
ILD32 VISHAY-ILD32 Datasheet
181Kb / 8P
Optocoupler, Photodarlington Output, High Gain (Dual, Quad Channel)
26-Oct-04
ILQ32 VISHAY-ILQ32_11 Datasheet
183Kb / 6P
Optocoupler, Photodarlington Output, High Gain (Quad Channel)
24-May-11
ILD755 VISHAY-ILD755 Datasheet
142Kb / 7P
Optocoupler, Photodarlington Output, AC Input, High Gain (Single, Dual Channel)
10-Mar-2021
ILQ32 VISHAY-ILQ32_V01 Datasheet
180Kb / 6P
Optocoupler, Photodarlington Output, High Gain (Quad Channel)s
24-May-11
ILQ32 VISHAY-ILQ32_V02 Datasheet
180Kb / 6P
Optocoupler, Photodarlington Output, High Gain (Quad Channel)
24-May-11
IL755 VISHAY-IL755_V01 Datasheet
142Kb / 7P
Optocoupler, Photodarlington Output, AC Input, High Gain (Single, Dual Channel)
10-Mar-2021
TCED2100 VISHAY-TCED2100_V02 Datasheet
155Kb / 8P
Optocoupler, Photodarlington Output, Dual Channel, High Gain
16-May-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com