Electronic Components Datasheet Search
  English  ▼

X  

XC6213 Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC6213
Description  High Speed LDO Regulators
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6213 Datasheet(HTML) 1 Page - Torex Semiconductor

  XC6213 Datasheet HTML 1Page - Torex Semiconductor XC6213 Datasheet HTML 2Page - Torex Semiconductor XC6213 Datasheet HTML 3Page - Torex Semiconductor XC6213 Datasheet HTML 4Page - Torex Semiconductor XC6213 Datasheet HTML 5Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Preliminary
1
Data Sheet
XC6213 Series
High Speed LDO Regulators
Low ESR Cap. Compatible, Output ON/OFF Control
Semiconductor Ltd.
Input Voltage Range
2.0 ~ 6.0V
Output Voltage Range
2.2 ~ 5.0V
Output Current
Up to 100mA
Low ESR Capacitor Compatible
Ultra Small Packages
SSOT-24, SOT-25
GENERAL DESCRIPTION
The XC6213 series are highly precise, low noise, positive voltage LDO
regulators manufactured using CMOS processes. The series achieves
high ripple rejection and low dropout and consists of a voltage reference,
an error amplifier, a current limiter and a phase compensation circuit plus
a driver transistor.
Output voltage is selectable in 100mV increments within a range of 2.2V
~ 5.0V.
The series is also compatible with low ESR ceramic capacitors, which
give added output stability.
The current limiter's foldback circuit also operates as a short protect for
the output current limiter and the output pin.
The CE function enables the output to be turned off, resulting in greatly
reduced power consumption.
Ultra small package, SSOT-24 and SOT-25, are available.
TYPICAL APPLICATION CIRCUIT
SSOT-24 package
August 12, 2003 V2
APPLICATIONS
Mobile phones (PDC, GSM, CDMA, IMT2000 etc.)
Cordless phones, wireless communication equipment
Portable games
Cameras, Video recorders
Portable AV equipment
PDAs
FEATURES
Maximum Output Current
100mA
Dropout Voltage
400mV @ IOUT = 100mA
Operating Input Voltage Range
2.0 ~ 6.0V
Output Voltage Range
2.2 ~ 5.0V (100mV Step)
Highly Accurate
±2%
Low Power Consumption
35
µA (TYP.)
Stand-by Current
Less than 0.1
µA
High Ripple Rejection
60dB @ 10kHz
Operating Temperature Range
- 40
OC ~ 85OC
Low ESR Capacitor Compatible
Ceramic capacitor
Ultra Small Packages
SSOT-24, SOT-25
4
1
3
2
CE
VSS
VIN
VOUT
CL
1
µF
CIN
1
µF


Similar Part No. - XC6213

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6213 TOREX-XC6213 Datasheet
1Mb / 27P
High Speed LDO Regulators, Low ESR Cap.Comratible, Ultra Small Package
XC6213B122GL TOREX-XC6213B122GL Datasheet
1,014Kb / 28P
High Speed LDO Regulators, Low ESR Cap. Compatible, Ultra Small Package
XC6213B122GR TOREX-XC6213B122GR Datasheet
1,014Kb / 28P
High Speed LDO Regulators, Low ESR Cap. Compatible, Ultra Small Package
XC6213B122ML TOREX-XC6213B122ML Datasheet
1,014Kb / 28P
High Speed LDO Regulators, Low ESR Cap. Compatible, Ultra Small Package
XC6213B122MR TOREX-XC6213B122MR Datasheet
1,014Kb / 28P
High Speed LDO Regulators, Low ESR Cap. Compatible, Ultra Small Package
More results

Similar Description - XC6213

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6413 TOREX-XC6413 Datasheet
132Kb / 13P
High Speed LDO Regulators
XC6210 TOREX-XC6210 Datasheet
307Kb / 10P
High Current, High Speed LDO Regulators
XC6210 TOREX-XC6210_1 Datasheet
1Mb / 21P
High Current, High Speed LDO regulators
XC6204A18AM TOREX-XC6204A18AM Datasheet
336Kb / 26P
High Speed LDO Regulators
XC6207 TOREX-XC6207_1 Datasheet
797Kb / 33P
High Speed "Green Operation" LDO Voltage Regulators
logo
Minilogic Device Corpor...
ML6204 MINILOGIC-ML6204 Datasheet
973Kb / 19P
High Speed LDO Regulators
logo
Torex Semiconductor
XC6210 TOREX-XC6210_2 Datasheet
1Mb / 22P
High Current, High Speed LDO Regulators
logo
Minilogic Device Corpor...
ML6209 MINILOGIC-ML6209 Datasheet
476Kb / 14P
High Speed LDO Regulators
logo
Torex Semiconductor
XC6217 TOREX-XC6217_2 Datasheet
496Kb / 33P
High Speed "Green Operation" LDO Voltage Regulators
logo
Bookly Micro electronic
BM1117N BOOKLY-BM1117N Datasheet
599Kb / 7P
1A Voltage High Speed LDO Regulators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com