Electronic Components Datasheet Search
  English  ▼

X  

XC6213 Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC6213
Description  High Speed LDO Regulators
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6213 Datasheet(HTML) 3 Page - Torex Semiconductor

  XC6213 Datasheet HTML 1Page - Torex Semiconductor XC6213 Datasheet HTML 2Page - Torex Semiconductor XC6213 Datasheet HTML 3Page - Torex Semiconductor XC6213 Datasheet HTML 4Page - Torex Semiconductor XC6213 Datasheet HTML 5Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Preliminary
3
Data Sheet
XC6213 Series
High Speed LDO Regulators
Low ESR Cap. Compatible, Output ON/OFF Control
Semiconductor Ltd.
PRODUCT CLASSIFICATION
Ordering Information
XC6213
123456
DESIGNATOR
SYMBOL
DESCRIPTION
1
B
‘H’ Active with no pull-down resistor (standard)
23
Integer
Number
Output Voltage :
ex.) 3.0V
2 =3, 3 = 0
4
2
Output Voltage : 100mV increments, ±2% accuracy
ex.) 2.80V
2 =2, 3 = 8, 4 = 2
M
SOT-25 (SOT-23-5)
5
N
SSOT-24
R
Embossed Tape : Standard Feed
6
L
Embossed Tape : Reverse Feed
MAXIMUM ABSOLUTE RATINGS
Ta = 25
OC
PARAMETER
SYMBOL
RATINGS
UNITS
Input Voltage
VIN
7.0
V
Output Current
IOUT
500
mA
Output Voltage
VOUT
VSS – 0.3 ~ VIN + 0.3
V
CE Input Voltage
VCE
VSS – 0.3 ~ VIN + 0.3
V
SOT-25
250
Continuous
Power Dissipation
SSOT-24
Pd
150
mW
Operating Temperature Range
Topr
- 40 ~ + 85
OC
Storage Temperature Range
Tstg
- 55 ~ + 125
OC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com