Electronic Components Datasheet Search
  English  ▼

X  

XC6213 Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC6213
Description  High Speed LDO Regulators
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6213 Datasheet(HTML) 4 Page - Torex Semiconductor

  XC6213 Datasheet HTML 1Page - Torex Semiconductor XC6213 Datasheet HTML 2Page - Torex Semiconductor XC6213 Datasheet HTML 3Page - Torex Semiconductor XC6213 Datasheet HTML 4Page - Torex Semiconductor XC6213 Datasheet HTML 5Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Preliminary
4
Data Sheet
XC6213 Series
High Speed LDO Regulators
Low ESR Cap. Compatible, Output ON/OFF Control
Semiconductor Ltd.
ELECTRICAL CHARACTERISTICS
Specified specifications for 2.8V, 3.0V, 3.1V products
Ta = 25
OC
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
CIRCUITS
Output Voltage (2.8V)
(3.0V)
(3.1V)
VOUT (E)
IOUT=30mA
2.744
2.940
3.038
2.800
3.000
3.100
2.856
3.060
3.162
V
1
Common specifications for 2.8V, 3.0V, 3.1V products
Ta = 25
OC
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
CIRCUITS
Maximum Output Current
IOUTMAX
100
mA
1
Load Regulation
VOUT
ImA < IOUT < 100mA
15
mV
1
Vdif1
IOUT = 30mA
120
mV
1
Dropout Voltage
Vdif2
IOUT = 100mA
400
mV
1
Supply Current
IDD
VCE = VIN
35
µA
2
Stand-by Current
Istby
VCE = VSS
0.01
µA
2
Line Regulation
VOUT /
VIN
VOUT
VOUT(T) + 1.0V < VIN < 6V
IOUT = 30mA
0.01
%/V
1
Input Voltage
VIN
2.0
6.0
V
-
Output Voltage
Temperature Characteristics
VOUT /
Topr
VOUT
IOUT = 30mA
- 40
OC < Topr < 85OC
100
ppm /
OC
1
Ripple Rejection Rate
PSRR
IOUT = 50mA, f = 10kHz
60
dB
3
Short Circuit Current
Ishort
50
mA
1
CE ‘H’ Level Voltage
VCEH
1.6
V
1
CE ‘L’ Level Voltage
VCEL
0.25
V
2
CE ‘H’ Level Current
ICEH
VCE = VIN
- 0.1
0.1
µA
2
CE ‘L’ Level Current
ICEL
VCE = VSS
- 0.1
0.1
µA
2
Note:
(NOTE1)
VOUT(E) = Effective Output Voltage
(i.e. the output voltage when “VOUT(T) + 1.0V” is provided at the VIN pin while maintaining a certain IOUT value).
(NOTE2)
Vdif = { VIN1
(NOTE4) – VOUT1 (NOTE3)}
(NOTE3)
VOUT1 = A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT { VOUT(T) + 1.0V } is input.
(NOTE4)
VIN1 = The input voltage when VOUT1 appears as input voltage is gradually decreased.
(NOTE5)
Unless otherwise stated, (VIN = VOUT(T) + 1.0V).



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com