Electronic Components Datasheet Search
  English  ▼

X  

XC6213 Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC6213
Description  High Speed LDO Regulators
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6213 Datasheet(HTML) 5 Page - Torex Semiconductor

  XC6213 Datasheet HTML 1Page - Torex Semiconductor XC6213 Datasheet HTML 2Page - Torex Semiconductor XC6213 Datasheet HTML 3Page - Torex Semiconductor XC6213 Datasheet HTML 4Page - Torex Semiconductor XC6213 Datasheet HTML 5Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Preliminary
5
Data Sheet
XC6213 Series
High Speed LDO Regulators
Low ESR Cap. Compatible, Output ON/OFF Control
Semiconductor Ltd.
TEST CIRCUITS
Circuit
1
Circuit
2
Circuit
3
CIN=1.0uF
(ceramic)
V
VIN
VOUT
VSS
CE
CL=1.0uF
(ceramic)
RL
A
V
V
VIN
VOUT
VSS
CE
A
OPEN
A
VIN
VOUT
VSS
CE
CL=1.0uF
(ceramic )
V
IOUT=50mA
VIN={V OUT+1}V DC
+0.25V p-pA C
V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com