Electronic Components Datasheet Search
  English  ▼

X  

LM95235 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM95235
Description  Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM95235 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM95235 Datasheet HTML 1Page - National Semiconductor (TI) LM95235 Datasheet HTML 2Page - National Semiconductor (TI) LM95235 Datasheet HTML 3Page - National Semiconductor (TI) LM95235 Datasheet HTML 4Page - National Semiconductor (TI) LM95235 Datasheet HTML 5Page - National Semiconductor (TI) LM95235 Datasheet HTML 6Page - National Semiconductor (TI) LM95235 Datasheet HTML 7Page - National Semiconductor (TI) LM95235 Datasheet HTML 8Page - National Semiconductor (TI) LM95235 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Ordering Information
Order Code
Package
Marking
NS Package Number
Transport Media
LM95235CIMM
T36C
MUA08A (MSOP-8)
1000 Units on Tape and Reel
LM95235CIMMX
T36C
MUA08A (MSOP-8)
3500 Units on Tape and Reel
Simplified Block Diagram
20174901
Pin Descriptions
Pin
Number
Name
Type
Function and Connection
1V
DD
Power
Device power supply. Requires bypass capacitor of 10 µF in parallel with
0.1 µF and 100 pF. Place 100 pF closest to device pin.
2
D+
Analog Input/Output
Positive input from the thermal diode.
3
D-
Analog Input/Output
Negative input from the thermal diode.
4
T_CRIT
Digital Output
Critical temperature output. Open-drain output requires pull-up resistor.
Active “LOW”.
5
GND
Ground
Device ground.
6
OS/A0
Digital Input/Output
Over-temperature shutdown comparator output or SMBus slave address
input. Defaults as an SMBus slave address input that selects one of
three addresses. Can be tied to V
DD, GND, or to the middle of a resistor
divider connected between V
DD and GND. When programmed as an OS
comparator output it is active “Low” and open drain.
7
SMBDAT
Digital Input/Output
SMBus interface data pin. Open-drain output requires pull-up resistor.
8
SMBCLK
Digital Input
SMBus interface clock pin.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com