Electronic Components Datasheet Search
  English  ▼

X  

LM95235 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM95235
Description  Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM95235 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM95235 Datasheet HTML 8Page - National Semiconductor (TI) LM95235 Datasheet HTML 9Page - National Semiconductor (TI) LM95235 Datasheet HTML 10Page - National Semiconductor (TI) LM95235 Datasheet HTML 11Page - National Semiconductor (TI) LM95235 Datasheet HTML 12Page - National Semiconductor (TI) LM95235 Datasheet HTML 13Page - National Semiconductor (TI) LM95235 Datasheet HTML 14Page - National Semiconductor (TI) LM95235 Datasheet HTML 15Page - National Semiconductor (TI) LM95235 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
1.0 Functional Description (Continued)
1.6 SMBDAT OPEN-DRAIN OUTPUT
The SMBDAT output is an open-drain output and does not
have internal pull-ups. A “high” level will not be observed on
this pin until pull-up current is provided by some external
source, typically a pull-up resistor. Choice of resistor value
depends on many system factors but, in general, the pull-up
resistor should be as large as possible without effecting the
SMBus desired data rate. This will minimize any internal
temperature reading errors due to internal heating of the
LM95235. The maximum resistance of the pull-up to provide
a 2.1V high level, based on LM95235 specification for High
Level Output Current with the supply voltage at 3.0V, is
82 k
Ω (5%) or 88.7 kΩ (1%).
1.7 T_CRIT OUTPUT AND TCRIT LIMIT
The LM95235’s T_CRIT pin is an active-low open-drain out-
put that is triggered when the local and/or the remote tem-
perature conversion is above the limits defined by the Re-
mote and/or Local Limit registers. The state of the T_CRIT
pin will return to the HIGH state when both the Local and
Remote temperatures are below the values programmed
into the Limit Registers less the value in the Common Hys-
teresis Register. Additionally, if the remote temperature ex-
ceeds the value in the Remote TCRIT Limit Register the
Status Bit for Remote TCRIT (RTCRIT), in Status Register 1,
is set to 1. In the same way if the local temperature exceeds
the value in the Local Shared OS and TCRIT Limit Register
the Status Bit for the Shared Local OS and TCRIT (LOC) bit
in Status Register 1 is set to 1.The T_CRIT output and the
Status Register flags are updated after every Local and
Remote temperature conversion. See Figure 4
1.8 OS OUTPUT AND OS LIMIT
The LM95235’s OS/A0 pin is selected as an OS digital
output as described in Section 1.3. As an OS pin, it is
activated whenever the local and/or remote temperature
conversion is above the limits defined by the Limit registers.
If the remote temperature exceeds the value in the Remote
OS Limit Register the Status Bit for Remote OS (ROS) in
Status Register 1 is set to 1. In the same way if the local
temperature exceeds the value in the Local Shared OS and
TCRIT Limit Register the Status Bit for the Shared Local OS
and TCRIT (LOC) bit in Status Register 1 is set to 1. The
state of the T_CRIT pin output will return to the HIGH state
when both the Local and Remote temperatures are below
the values programmed into the Limit Registers less the
value in the Common Hysteresis Register. The OS output
and the Status Register flags are updated after every Local
and Remote temperature conversion. See Figure 5.
1.9 DIODE FAULT DETECTION
The LM95235 is equipped with operational circuitry designed
to detect fault conditions concerning the remote diodes. In
the event that the D+ pin is detected as shorted to GND, D−,
V
DD or D+ is floating, the Remote Temperature reading is
–128.000 ˚C if signed format is selected and +255.875 ˚C if
unsigned format is selected. In addition, the Status Register
1 bit D2 is set.
1.10 COMMUNICATING with the LM95235
The data registers in the LM95235 are selected by the
Command Register. At power-up the Command Register is
set to “00”, the location for the Read Local Temperature
Register. The Command Register latches the last location it
was set to. Each data register in the LM95235 falls into one
of four types of user accessibility:
1.
Read only
2.
Write only
3.
Write/Read same address
4.
Write/Read different address
A Write to the LM95235 will always include the address byte
and the command byte. A write to any register requires one
data byte.
Reading the LM95235 can take place either of two ways:
1.
If the location latched in the Command Register is cor-
rect (most of the time it is expected that the Command
Register will point to one of the Read Temperature Reg-
isters because that will be the data most frequently read
from the LM95235), then the read can simply consist of
an address byte, followed by retrieving the data byte.
2.
If the Command Register needs to be set, then an
address byte, command byte, repeat start, and another
address byte will accomplish a read.
The data byte has the most significant bit first. At the end of
a read, the LM95235 can accept either acknowledge or No
Acknowledge from the Master (No Acknowledge is typically
used as a signal for the slave that the Master has read its
last byte). When retrieving all 11 bits from a previous remote
diode temperature measurement, the master must insure
that all 11 bits are from the same temperature conversion.
This may be achieved by reading the MSB register first. The
LSB will be locked after the MSB is read. The LSB will be
unlocked after being read. If the user reads MSBs consecu-
20174913
FIGURE 4. T_CRIT Comparator Temperature Response
Diagram
20174915
FIGURE 5. OS Temperature Response Diagram
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com