Electronic Components Datasheet Search
  English  ▼

X  

LM95235 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM95235
Description  Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM95235 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM95235 Datasheet HTML 1Page - National Semiconductor (TI) LM95235 Datasheet HTML 2Page - National Semiconductor (TI) LM95235 Datasheet HTML 3Page - National Semiconductor (TI) LM95235 Datasheet HTML 4Page - National Semiconductor (TI) LM95235 Datasheet HTML 5Page - National Semiconductor (TI) LM95235 Datasheet HTML 6Page - National Semiconductor (TI) LM95235 Datasheet HTML 7Page - National Semiconductor (TI) LM95235 Datasheet HTML 8Page - National Semiconductor (TI) LM95235 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Logic Electrical Characteristics
Digital DC Characteristics
Unless otherwise noted, these specifications apply for V
DD= +3.0 Vdc to 3.6 Vdc. Boldface limits apply for TA =TJ =TMIN to
T
MAX; all other limits TA=TJ= +25˚C, unless otherwise noted.
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 6)
(Note 7)
(Limit)
SMBDAT, SMBCLK INPUTS
V
IN(1)
Logical “1” Input Voltage
2.1
V (min)
V
IN(0)
Logical “0” Input Voltage
0.8
V (max)
V
IN(HYST)
SMBDAT and SMBCLK Digital Input Hysteresis
400
mV
I
IN(1)
Logical “1” Input Current
V
IN =VDD
−0.005
−10
µA (max)
I
IN(0)
Logical “0” Input Current
V
IN = 0 V
0.005
+10
µA (max)
C
IN
Input Capacitance
5
pF
A0 DIGITAL INPUT
V
IH
Input High Voltage
0.90 x V
DD
V (min)
V
IM
Input Middle Voltage
0.57 x V
DD
V (max)
0.43 x V
DD
V (min)
V
IL
Input Low Voltage
0.10 x V
DD
V (max)
I
IN(1)
Logical “1” Input Current
V
IN =VDD
−0.005
−10
µA (max)
I
IN(0)
Logical “0” Input Current
V
IN = 0 V
0.005
+10
µA (max)
C
IN
Input Capacitance
5
pF
SMBDAT, T_CRIT, OS DIGITAL OUTPUTS
I
OH
High Level Output Leakage Current
V
OUT =VDD
10
µA (max)
V
OL(T_CRIT, OS)
T_CRIT, OS Low Level Output Voltage
I
OL =6mA
0.4
V (max)
V
OL(SMBDAT)
SMBDAT Low Level Output Voltage
I
OL =4mA
I
OL =6mA
0.4
0.6
V (max)
V (max)
C
OUT
Digital Output Capacitance
5
pF
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com