Electronic Components Datasheet Search
  English  ▼

X  

SP6686 Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP6686
Description  400mA Buck/Boost Charge Pump LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6686 Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP6686 Datasheet HTML 5Page - Sipex Corporation SP6686 Datasheet HTML 6Page - Sipex Corporation SP6686 Datasheet HTML 7Page - Sipex Corporation SP6686 Datasheet HTML 8Page - Sipex Corporation SP6686 Datasheet HTML 9Page - Sipex Corporation SP6686 Datasheet HTML 10Page - Sipex Corporation SP6686 Datasheet HTML 11Page - Sipex Corporation SP6686 Datasheet HTML 12Page - Sipex Corporation SP6686 Datasheet HTML 13Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
Date: 03/10/06
SP6686 400mA, Buck/Boost Charge Pump LED Driver
© Copyright 2006 Sipex Corporation
regulation point for more than 32 cycles of
the internal clock, the SP6686 automati-
cally switches to the 2X mode. The SP6686
remains in the 2X mode until one of four
things happens: 1) the enable pin EN has
been toggled, 2) the Flash pin has changed
from high to low, 3) V
IN is cycled or
4) a
thermal fault occurs. The 2X mode is the
charge pump mode where the output can be
pumped as high as two times the input
voltage, provided the output does not ex-
ceed the maximum voltage for the SP6686,
which is internally limited to about 5.5V. In
the 2X mode, as in the 1X mode, the output
current is regulated by the voltage at the FB
pin.
In the Torch mode, (Flash = GND) the Flash
pin is set to logic low and the SP6686 FB pin
regulates to 50mV output:
V
FB = 50mV (Torch Mode)
When in Flash mode, (Flash = V
IN), the FB
regulation voltage is set by the resistor R
SET
connected between the R
SET pin and SGND
and the equation:
V
FB = (1.26V/ RSET)*11.2KΩ (Flash Mode)
Where 1.26V is the internal bandgap refer-
ence voltage and 11.2KΩ is an internal
resistance used to scale the R
SET current.
Typical values of R
SET are 40KΩ to 180KΩ
for a range of V
FB = 300mV to 75mV in Flash
mode.
The output current is then set in either Flash
or Torch mode by the equation:
I
OUT = VFB / RSENSE
_______________OVERTEMPERATURE
PROTECTION
When the temperature of the SP6686 rises
above 145 degrees Celsius, the over tem-
perature protection circuitry turns off the
output switches to prevent damage to the
device. If the temperature drops back down
below 135 degrees Celsius, the part auto-
matically recovers and executes a soft start
cycle.
____________________OVERVOLTAGE
PROTECTION
The SP6686 has over voltage protection. If
the output voltage rises above the 5.5V
threshold, the over voltage protection shuts
off all of the output switches to prevent the
output voltage from rising further. When the
output decreases below 5.5V, the device
resumes normal operation
____________________OVERCURRENT
PROTECTION
The over current protection circuitry moni-
tors the average current out of the V
OUT =
50mV
(Torch Mode) pin. If the average
output current exceeds approximately
1Amp, then the over current protection cir-
cuitry shuts off the output switches to pro-
tect the chip.
THEORY OF OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com