Electronic Components Datasheet Search
  English  ▼

X  

SP6686 Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP6686
Description  400mA Buck/Boost Charge Pump LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6686 Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP6686 Datasheet HTML 5Page - Sipex Corporation SP6686 Datasheet HTML 6Page - Sipex Corporation SP6686 Datasheet HTML 7Page - Sipex Corporation SP6686 Datasheet HTML 8Page - Sipex Corporation SP6686 Datasheet HTML 9Page - Sipex Corporation SP6686 Datasheet HTML 10Page - Sipex Corporation SP6686 Datasheet HTML 11Page - Sipex Corporation SP6686 Datasheet HTML 12Page - Sipex Corporation SP6686 Datasheet HTML 13Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
Date: 03/10/06
SP6686 400mA, Buck/Boost Charge Pump LED Driver
© Copyright 2006 Sipex Corporation
For an example of 150mA Torch mode and
400mA Flash mode, the values R
SENSE =
0.33Ω, V
FB = 135mV (Flash Mode), and RSET
= 106KΩ are calculated. The power ob-
tained in the Flash mode would be:
P
FLASH = VFB *IOUT = 133mV*400mA = 53mW.
The typical 0603 surface mount resistor is
rated at 1/10 Watt continuous power and
1/5 Watt pulsed power, more than enough
for this application. For other applications,
the P
FLASH can be calculated from the resis-
tor size selected. The R
SENSE
resistor is
recommended to be size 0603 for most
applications.
COMPONENT SELECTION
The SP6686 charge pump circuit requires 3
capacitors: 4.7µF input, 1µF output and
0.47µF fly capacitor are typically recom-
mended. For the input capacitor, a larger
value of 10µF will help reduce input voltage
ripple for applications sensitive to ripple on
the battery voltage.
All the capacitors
should be ceramic to obtain low ESR, which
improves bypassing on the input and output
and improves output voltage drive by reduc-
ing output resistance. X5R or X7R Ceramic
capacitors are recommended for most ap-
plications. A selection of recommended ca-
pacitors is included in Table 1. The input
and output capacitors should be located as
close to the V
IN and VOUTpins as possible to
obtain best bypassing, and the returns
should be connected directly to the P
GND pin
or to the thermal pad ground located under
the SP6686. The fly capacitor should be
located as close to the C1 and C2 pins as
possible.
The sense resistor R
sense is determined by
the value needed in the Torch mode for the
desired output current by the equation:
R
SENSE = VFB / IOUT where VFB = 50mV (Torch
Mode)
Once the R
SENSE resistor has been selected
for Torch mode, the V
FB voltage can be
selected for Flash mode using the following
equation:
V
FB = IOUT *RSENSE (Flash Mode) where IOUT is
for Flash Mode
Next, the R
SET resistor can be selected for
Flash mode using the following equation:
R
SET = (1.26V/ VFB)*11.2KΩ (Flash Mode)
Table 1: Recommended Capacitors
Manufacturers/ Website
Part Number
Capacitance/
Voltage
Capacitor
Size/Type/Thickness
ESR at
100KHz
TDK/www.tdk.com
C1005X5R0J474K
0.47uF/6.3V
0402/X5R/0.55mm
0.03
TDK/www.tdk.com
C1005X5R0J105K
1uF/6.3V
0402/X5R/0.55mm
0.03
TDK/www.tdk.com
C1608X5R0J225K
2.2uF/6.3V
0603/X5R/0.9mm
0.03
TDK/www.tdk.com
C1608X5R0J475K
4.7uF/6.3V
0603/X5R/0.9mm
0.02
Murata/www.murata.com
GRM155R60J474KE19D
0.47uF/6.3V
0402/X5R/0.55mm
0.03
Murata/www.murata.com
GRM155R60J105KE19D
1uF/6.3V
0402/X5R/0.55mm
0.03
Murata/www.murata.com
GRM188R60J225KE19D
2.2uF/6.3V
0603/X5R/0.8mm
0.03
Murata/www.murata.com
GRM188R60J475KE19D
4.7uF/6.3V
0603/X5R/0.8mm
0.02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com