Electronic Components Datasheet Search
  English  ▼

X  

SP6686 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP6686
Description  400mA Buck/Boost Charge Pump LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6686 Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP6686 Datasheet HTML 2Page - Sipex Corporation SP6686 Datasheet HTML 3Page - Sipex Corporation SP6686 Datasheet HTML 4Page - Sipex Corporation SP6686 Datasheet HTML 5Page - Sipex Corporation SP6686 Datasheet HTML 6Page - Sipex Corporation SP6686 Datasheet HTML 7Page - Sipex Corporation SP6686 Datasheet HTML 8Page - Sipex Corporation SP6686 Datasheet HTML 9Page - Sipex Corporation SP6686 Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
Date: 03/10/06
SP6686 400mA, Buck/Boost Charge Pump LED Driver
© Copyright 2006 Sipex Corporation
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 3.6, Typical Application, TA = 25°C unless otherwise noted.
Output Current Vs Supply Voltage
0
100
200
300
400
500
3.0
3.2
3.4
3.6
3.8
4.0
4.2
Vin (V)
Flash 400mA Vf =
3.5V
Torch 150mA Vf =
3.1V
D1 = AOT 3228HPW0303B LED, Rsense =
0.33Ω,
Rset = 140KΩ, Cin = 2.2µF, Cfc =
0.47µF, Cout = 1µF.
Efficiency Vs Supply Voltage
40
50
60
70
80
90
100
3.0
3.2
3.4
3.6
3.8
4.0
4.2
Vin (V)
Flash 400mA
Vf = 3.5V
Torch 150mA
Vf = 3.1V
Battery Current Vs Supply Voltage
0
200
400
600
800
1000
3.0
3.2
3.4
3.6
3.8
4.0
4.2
Vin (V)
Flash 400mA Vf =
3.5V
Torch 150mA Vf =
3.1V
D1 = AOT2015HPW-1915B LED, Rsense =
0.33Ω, Rset = 106KΩ, Cin = 2.2µF, Cfc =
0.47µF, Cout = 1µF.
Figure 9
Figure 12
Efficiency Vs Supply Voltage
40
50
60
70
80
90
100
3.0
3.2
3.4
3.6
3.8
4.0
4.2
Vin (V)
Flash 300mA
Vf = 3.85V
Torch 150mA
Vf = 3.45V
Figure 10
Figure 13
Figure 11
Figure 14
Output Current Vs Supply Voltage
0
50
100
150
200
250
300
350
400
3.0
3.2
3.4
3.6
3.8
4.0
4.2
Vin (V)
Flash 300mA Vf = 3.85V
Torch 150mA Vf = 3.45V
Battery Current Vs Supply Voltage
0
100
200
300
400
500
600
700
800
3.0
3.2
3.4
3.6
3.8
4.0
4.2
Vin (V)
Flash 300mA Vf = 3.85V
Torch 150mA Vf = 3.45V
Note: Diode, resistor and capacitor settings apply to figures 9, 10 & 11.
Note: Diode, resistor and capacitor settings apply to figures 12, 13 & 14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com